Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 17Page - Cirrus Logic CS8952T Datasheet HTML 18Page - Cirrus Logic CS8952T Datasheet HTML 19Page - Cirrus Logic CS8952T Datasheet HTML 20Page - Cirrus Logic CS8952T Datasheet HTML 21Page - Cirrus Logic CS8952T Datasheet HTML 22Page - Cirrus Logic CS8952T Datasheet HTML 23Page - Cirrus Logic CS8952T Datasheet HTML 24Page - Cirrus Logic CS8952T Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
DS206TPP2
21
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
spurious carrier activity from propagating through
the repeater to other attached segments.
The false carrier detection logic described earlier is
used to increment a false carrier counter. When two
consecutive false carrier events are detected, the
CS8952T will deassert the Link OK bit in the Self
Status Register (address 19h), set the Link Status
Change bit in the Interrupt Status Register (address
11h), increment the Disconnect Count Register
(address 12h), stop propagating received data to the
MII, and ignore any transmit data from the MII.
The receiver will continue to monitor the received
data stream for valid IDLE symbols. Once dis-
abled, the receiver and transmitter will remain dis-
abled until the Link Integrity Monitor has
determined the link has again stabilized.
The Carrier Integrity Monitor may be disabled
through the CIM Disable bit in the PCS Sub-Layer
Configuration Register (address 17h). It is enabled
by default when the REPEATER pin is asserted on
reset or power-up.
10BASE-T MII Application
The digital interface used in this mode is the same
as that used in the 100BASE-X nibble modes ex-
cept that TX_CLK and RX_CLK are nominally
2.5 MHz.
The CS8952T includes a full-featured 10BASE-T
interface, as described in the following sections.
Duplex operation
The CS8952T supports both 10BASE-T full and
half duplex operation as determined by pins
AN[1:0] and/or the corresponding MII register bits.
(See Table 5 on page 23).
Carrier Detection
The carrier detect circuit informs the MAC that
valid receive data is present by asserting the Carrier
Sense signal (CRS) as soon it detects a valid bit
pattern (1010b or 0101b for 10BASE-T). During
normal packet reception, CRS remains asserted
while the frame is being received, and is de-assert-
ed within 2.3 bit times after the last low-to-high
transition of the End-of-Frame (EOF) sequence.
Whenever the receiver is idle (no receive activity),
CRS is de-asserted.
Collision Detection
If half duplex operation is selected, the CS8952T
detects a 10BASE-T collision whenever the receiv-
er and transmitter are active simultaneously. When
a collision is present, the collision is reported on
pin COL.
Collision detection is undefined for full-duplex op-
eration.
Jabber
The jabber timer monitors the transmitter and dis-
ables the transmission if the transmitter is active for
greater than approximately 105 ms. The transmit-
ter stays disabled until approximately 406 ms after
the internal transmit request is no longer enabled.
Link Test Pulses
To prevent disruption of network operation due to
a faulty link segment, the CS8952T continually
monitors the 10BASE-T receive pair (RXD+ and
RXD-) for packets and link pulses. After each
packet or link pulse is received, an internal Link-
Loss timer is started. As long as a packet or link
pulse is received before the Link-Loss timer finish-
es (between 50 and 100 ms), the CS8952T main-
tains normal operation. If no receive activity is
detected, the CS8952T disables packet transmis-
sion to prevent “blind” transmissions onto the net-
work (link pulses are still sent while packet
transmission is disabled). To reactivate transmis-
sion, the receiver must detect a single packet (the
packet itself is ignored), or two normal link pulses
separated by more than 6 ms and no more than
50 ms.
In the absence of transmit packets, the transmitter
generates
link
pulses
in
accordance
with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com