Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 24Page - Cirrus Logic CS8952T Datasheet HTML 25Page - Cirrus Logic CS8952T Datasheet HTML 26Page - Cirrus Logic CS8952T Datasheet HTML 27Page - Cirrus Logic CS8952T Datasheet HTML 28Page - Cirrus Logic CS8952T Datasheet HTML 29Page - Cirrus Logic CS8952T Datasheet HTML 30Page - Cirrus Logic CS8952T Datasheet HTML 31Page - Cirrus Logic CS8952T Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
28
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
erate without the preamble through bit 9 of the PCS
Sub-Layer Configuration Register (address 17h).
Table 6. MII Management Interface Frame Format
The Start of Frame is indicated by a 01 bit pattern.
A read transaction is indicated by an Opcode of 10
andawrite by01.
The PHY Address is five bits, with the most signif-
icant bit sent first. If the PHY address included in
the frame is not 00000 or does not match the PHY-
AD field of the Self Status Register (address 19h),
the rest of the frame is ignored.
The register address is five bits, with the most sig-
nificant bit sent first, and indicates the CS8952T
register to be written to/read from.
The Turnaround time is a two bit time spacing be-
tween when the MAC drives the last register ad-
dress bit onto MDIO and the data field of a
management frame in order to avoid contention
during a read transaction. For a read transaction,
the MAC should tri-state the MDIO pin beginning
on the first bit time, and the CS8952T will begin
driving the MDIO signal to a logic ZERO during
the second bit time. During write transactions,
since the MDIO direction does not need to be re-
versed, the MAC will drive the MDIO to a logic
ONE for the first bit time and a logic ZERO for the
second.
The data field is always 16 bits in length, with the
most significant bit sent first.
Preamble
(32 bits)
Start of
Frame
(2 bits)
Opcode
(2 bits)
PHY
Address
(5 bits)
Register
Address
(5 bits)
Turnaround
(2 bits)
Data
(16 bits)
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com