Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 19Page - Cirrus Logic CS8952T Datasheet HTML 20Page - Cirrus Logic CS8952T Datasheet HTML 21Page - Cirrus Logic CS8952T Datasheet HTML 22Page - Cirrus Logic CS8952T Datasheet HTML 23Page - Cirrus Logic CS8952T Datasheet HTML 24Page - Cirrus Logic CS8952T Datasheet HTML 25Page - Cirrus Logic CS8952T Datasheet HTML 26Page - Cirrus Logic CS8952T Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
DS206TPP2
23
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Auto-Negotiation Configuration
At power-up and reset times, the auto-negotiation
mode is selected via the auto-negotiation input pins
(AN[1:0]). These three-level input pins are sam-
pled during power-up or reset. If either of these
pins is left unconnected, internal logic pulls its sig-
nal to a mid-range value, designated as 'M' in the
following table. Either pin may also be connected
to a 5 to 25 MHz TTL-level clock source, designat-
ed as ‘C’ in the following table. A minimum of 8
rising edges of the clock are required while RESET
is asserted for the AN[1:0] input logic to interpret
the input as ‘C’.
Auto-Negotiation may also be enabled and the ad-
vertised capabilities modified under software con-
trol through bit 8 of the Basic Mode Control
Register (address 00h), and bits 5, 6, 7, 8, and 10 of
the Auto-Negotiation Advertisement Register (ad-
dress 04h).
Auto-Negotiation Operation
Auto-Negotiation encapsulates information within
a burst of closely spaced Link Integrity Test Pulses,
referred to as a Fast Link Pulse (FLP) Burst. The
FLP Burst consists of a series of Link Integrity
Pulses which form an alternating clock / data se-
quence. Extraction of the data bits from the FLP
Burst yields a Link Code Word which identifies the
capability of the remote device.
In order to support legacy 10 and 100 Mb/s devic-
es, the CS8952T also supports parallel detection. In
parallel detection, the CS8952T monitors activity
on the media to determine the capability of the link
partner even without auto-negotiation having oc-
curred.
AN1 pin
AN0 pin
Forced/Auto
Speed
Full/Half Duplex
0
M
Forced
10 Mb/s
Half
1
M
Forced
10 Mb/s
Full
M
0
Forced
100 Mb/s
Half
M
1
Forced
100 Mb/s
Full
C
M
Forced
100 Mb/s
Full (Note 1)
M
C
Forced
100 Mb/s
Full (Note 2)
C
C
Forced
100 Mb/s
Half (Note 3)
M
M
Auto-Neg
100/10 Mb/s
Full/Half
0
0
Auto-Neg
10 Mb/s
Half
0
1
Auto-Neg
10 Mb/s
Full
1
0
Auto-Neg
100 Mb/s
Half
1
1
Auto-Neg
100 Mb/s
Full
C
1
Auto-Neg
100/10 Mb/s
Full
C
0
Auto-Neg
100/10 Mb/s
Half
1
C
Auto-Neg
100 Mb/s
Full/Half
0
C
Auto-Neg
10 Mb/s
Full/Half
Table 5. Auto-negotiation Mode Selection
1.
The Auto-Negotiation Advertisement Register will be modified to advertise 100 Mb/s
Full/Half.
2.
The Auto-Negotiation Advertisement Register will be modified to advertise
100/10 Mb/s Full.
3.
The Auto-Negotiation Advertisement Register will be modified to advertise
100/10 Mb/s Half.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com