Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 41Page - Cirrus Logic CS8952T Datasheet HTML 42Page - Cirrus Logic CS8952T Datasheet HTML 43Page - Cirrus Logic CS8952T Datasheet HTML 44Page - Cirrus Logic CS8952T Datasheet HTML 45Page - Cirrus Logic CS8952T Datasheet HTML 46Page - Cirrus Logic CS8952T Datasheet HTML 47Page - Cirrus Logic CS8952T Datasheet HTML 48Page - Cirrus Logic CS8952T Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
DS206TPP2
45
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Interrupt Status Register - Address 11h (Cont.)
BIT
NAME
TYPE
RESET
DESCRIPTION
8
Remote Loopback
Fault
Read Only
0
When set, this bit indicates that the Elastic Buffer has
detected an over-run or an under-run condition. In
any case, the frame generating this fault will be termi-
nated.
This should never happen since the depth of the elas-
tic buffer (10 bits) is greater than twice the maximum
number of bit times the receive and transmit clocks
may slip during a maximum length packet assuming
clock frequency tolerances of 100 ppm or less.
7
Reset Complete
Read Only
0
When set, this bit indicates that the internal analog
calibration cycle has completed, and all analog and
digital circuitry is ready for normal operation.
6
Jabber Detect
Read Only
0
In 10BASE-T mode, if the last transmission is longer
than 105 ms, then the packet output is terminated by
the jabber logic and this bit is set.
This bit is implemented with a latching function so
that the occurrence of a jabber condition causes it to
become set until it is cleared by a read to this register,
a read to the Basic Mode Status Register (address
01h), or a reset.
No jabber detect function has been defined for
100BASE-TX.
This bit is the same as in the Basic Mode Status Reg-
ister (address 01h).
5
Auto-Neg Complete Read Only
0
This bit is set when the auto-negotiation process has
completed. This is an indication that the Auto-Negoti-
ation Advertisement Register (address 04h), the
Auto-Negotiation Link Partner Ability Register
(address 05h), and the Auto-Negotiation Expansion
Register (address 06h) are valid.
This bit is the same as in the Basic Mode Status Reg-
ister (address 01h).
4
Parallel Detection
Fault
Read Only
0
When set, this bit indicates an error condition in
which auto-negotiation has detected that unstable
10BASE-T or 100BASE-TX link signalling was
received. This bit is self-clearing.
This bit is the same as in the Auto-Negotiation
Expansion Register (address 06h)
3
Parallel Fail
Read Only
0
When set, this bit indicates that a parallel detection
has occurred for a technology that is not currently
advertised by the local device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com