Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 20Page - Cirrus Logic CS8952T Datasheet HTML 21Page - Cirrus Logic CS8952T Datasheet HTML 22Page - Cirrus Logic CS8952T Datasheet HTML 23Page - Cirrus Logic CS8952T Datasheet HTML 24Page - Cirrus Logic CS8952T Datasheet HTML 25Page - Cirrus Logic CS8952T Datasheet HTML 26Page - Cirrus Logic CS8952T Datasheet HTML 27Page - Cirrus Logic CS8952T Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
24
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Reset Operation
Reset occurs in response to six different conditions:
1) There is a chip-wide reset whenever the RE-
SET pin is high for at least 200 ns. During a
chip-wide reset, all circuitry and registers in the
CS8952T are reset.
2) When power is applied, the CS8952T main-
tains reset until the voltage at the VDD supply
pins
reaches
approximately
3.6 V.
The
CS8952T comes out of reset once VDD is
greater than approximately 3.6 V and the crys-
tal oscillator has stabilized.
3) There is a chip-wide reset whenever the RE-
SET bit (bit 15 of the Basic Mode Control Reg-
ister (address 00h)) is set.
4) Digital circuitry is reset whenever bit 0 of the
PCS Sub-Layer Configuration Register (ad-
dress 17h) is set. Analog circuitry is unaffected.
5) Analog circuitry is reset and recalibrated when-
ever the CS8952T enters or exits the power-
down state, as requested by pin PWRDN.
6) Analog circuitry is reset and recalibrated when-
ever the CS8952T changes between 10 Mb/s
and 100 Mb/s modes.
After a reset, the CS8952T latches the signals on
various input pins in order to initialize key registers
and goes through a self configuration. This in-
cludes calibrating on-chip analog circuitry. Time
required for the reset calibration is typically 40 ms.
External circuitry may access registers internal to
the CS8952T during this time. Reset and calibra-
tion complete is indicated when bit 15 of the Basic
Mode Control Register (address 00h) is clear.
LED Indicators
The LEDx, SPD100, and SPD10 output pins pro-
vide status information that can be used to drive
LEDs or can be used as inputs to external control
circuitry. Indication options include: receive activ-
ity, transmit activity, collision, carrier sense, polar-
ity OK, descrambler synchronization status, auto-
negotiation status, speed (10 vs. 100), and duplex
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com