Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952T Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 9Page - Cirrus Logic CS8952T Datasheet HTML 10Page - Cirrus Logic CS8952T Datasheet HTML 11Page - Cirrus Logic CS8952T Datasheet HTML 12Page - Cirrus Logic CS8952T Datasheet HTML 13Page - Cirrus Logic CS8952T Datasheet HTML 14Page - Cirrus Logic CS8952T Datasheet HTML 15Page - Cirrus Logic CS8952T Datasheet HTML 16Page - Cirrus Logic CS8952T Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
DS206TPP2
13
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
LED3 - Link Good LED. Open Drain Output, Pin 71.
This active-low output indicates the CS8952T has detected a valid link.
This pin can be simultaneously connected to an LED and to a TTL-compatible, CMOS input
pin.
LED4 - Polarity/Full Duplex LED. Open Drain Output, Pin 72.
This active-low output indicates:
1) for 100 Mb/s operation, the CS8952T is in full-duplex operation,
2) for 10 Mb/s operation, either good polarity exists or full duplex is selected (see bit 1 in the
PCS Sub-layer Configuration Register (address 17h)).
This pin can be simultaneously connected to an LED and to a TTL-compatible, CMOS input
pin.
LED5 - Collision/Descrambler Lock LED. Open Drain Output, Pin 73.
This active-low output is asserted when either the CS8952T detects a collision (bit 11 of the
PCS Sub-Layer Configuration Register (address 17h) is clear), or the 100BASE-TX
descrambler is synchronized (bit 11 of the PCS Sub-Layer Configuration Register (address 17h)
is set).
It contains a pulse stretcher to insure that the collision events are visible when the pin
is used to drive an LED.
This pin can be simultaneously connected to an LED and to a TTL-compatible, CMOS input
pin.
LPBK - Loopback Enable. Input, Pin 51.
When this pin is asserted high and the CS8952T is operating in 100 Mb/s mode, the CS8952T
will perform a local loopback inside the PMD block. The loopback includes all CS8952T
100 Mb/s functionality except the MLT-3 coders and the analog line interface blocks.
When asserted high and the CS8952T is operating in 10 Mb/s mode, the CS8952T will perform
a local ENDEC loopback.
LPSTRT - Low Power Start. Input, Pin 50.
When this active-low input is asserted during power-up or reset, the CS8952T will exit reset in
a low power configuration, where the only circuitry enabled is that necessary to maintain the
media impedance. The CS8952T will remain in a low power state until RESET pin is asserted
or the MDC pin toggles.
This pin includes a weak internal pull-down (> 20 K
Ω), or the value may be set by an external
4.7 K
Ω pull-up or pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com