Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 345 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 345 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 341Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 342Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 343Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 344Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 345Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 346Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 347Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 348Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 349Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 355 page
background image
38B5 Group User’s Manual
3-97
APPENDIX
3.12 M35501FP
The number of fluorescent displays can be increased by connecting
the M35501FP to the CMOS FLD output pins on a 38B5 Group mi-
crocomputer.
This FLD controller can control up to 32 digits using the 32 timing
mode of the 38B5 Group microcomputer.
Fig. 3.12.9 Connection example with 38B5 Group microcomputer (1 to 16 digits)
Fig. 3.12.10 Connection example with 38B5 Group microcomputer (17 to 32 digits)
M38B5X
P27–P20
P07–P00
P17–P10
P37–P30
P83–P80
P84
CLK
SEL
M35501
Digits
DIG0–DIG15
Segment (high-breakdown-voltage: 36 pins + CMOS: 4 pins)
F
F llu
u o
o rre
e s
s c
c e
e n
n tt D
D iis
s p
p lla
a y
y ((F
F L
L D
D ))
(1 pin used as CLK.)
M38B5X
P27–P20
P07–P00
P17–P10
P37–P30
P83–P80
CLK
SEL
P84
CLK
SEL
OVFOUT OVFIN
OVFOUT
OVFIN
M35501
M35501
Segment (high-breakdown-voltage: 36 pins + CMOS: 4 pins)
(1 pin is used as CLK.)
F
F llu
u o
o rre
e s
s c
c e
e n
n tt D
D iis
s p
p lla
a y
y ((F
F L
L D
D ))
Digits
DIG0–DIG15
Digits
DIG16–DIG31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com