Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 348 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 348 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 344Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 345Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 346Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 347Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 348Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 349Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 350Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 351Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 352Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 355 page
background image
3-100
APPENDIX
38B5 Group User’s Manual
3.12 M35501FP
IOH(peak)
IOH(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
CLK
VCC
VSS
VEE
VIH
VIH
VIL
VIL
VCC
VEE
VI
VI
VO
VO
Pd
Topr
Tstg
Power source voltage
Pull-down power source voltage
Input voltage CLK, SEL, OVFIN
Input voltage RESET
Output voltage DIG0–DIG15
Output voltage OVFOUT
Power dissipation
Operating temperature
Storage temperature
Ratings
–0.3 to 7.0
VCC –45 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to VCC +0.3
VCC –45 to VCC +0.3
–0.3 to VCC +0.3
250
–20 to 85
–40 to 125
V
V
V
V
V
V
mW
°C
°C
•All voltages are based on VSS.
•Output transistors are off.
Conditions
Parameter
Symbol
Unit
Power source voltage
Power source voltage
Pull-down power source voltage
“H” input voltage CLK, SEL, OVFIN
“H” input voltage RESET
“L” input voltage CLK, SEL, OVFIN
“L” input voltage RESET
Limits
Min.
4.0
VCC –43
0.8VCC
0.8VCC
0
0
Typ.
5.0
0
Max.
5.5
VSS
VCC
VCC
0.2VCC
0.2VCC
V
V
V
V
V
V
V
Parameter
Symbol
Unit
“H” peak output current DIG0 – DIG15 (Note 1)
“H” peak output current OVFOUT (Note 1)
“L” peak output current OVFOUT (Note 1)
“H” average current DIG0 – DIG15 (Note 2)
“H” average current OVFOUT (Note 2)
“L” average current OVFOUT (Note 2)
Clock input frequency
Limits
Min.
Typ.
Max.
–36
–10
10
–18
–5.0
5.0
2
mA
mA
mA
mA
mA
mA
MHz
Table 3.12.4 Recommended operating conditions (VCC = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Parameter
Symbol
Unit
Notes 1: The peak output current is the peak current flowing in each port.
2: The average output current is an average value measured over 100 ms.
Ta = 25 °C
Table 3.12.2 Absolute maximum ratings
Table 3.12.3 Recommended operating conditions (VCC = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com