Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 350 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 350 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 346Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 347Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 348Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 349Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 350Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 351Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 352Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 353Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 354Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 355 page
background image
3-102
APPENDIX
38B5 Group User’s Manual
3.12 M35501FP
tw(RESET)
tc(CLK)
twH(CLK)
twL(CLK)
tsu(SEL)
th(SEL)
th(CLK)
Fig. 3.12.13 Timing diagram
Reset input “L” pulse width
Clock input cycle time
Clock input “H” pulse width
Clock input “L” pulse width
Select input setup time
Select input hold time
Clock input setup time
Limits
Min.
2
500
200
200
500
500
500
Typ.
Max.
µs
ns
ns
ns
ns
ns
ns
Table 3.12.6 Timing requirements (VCC = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Parameter
Symbol
Unit
0.2VCC
0.8VCC
tc(CLK)
twL(CLK)
twH(CLK)
CLK
0.2VCC
0.8VCC
tw(RESET)
RESET
SEL
CLK
tsu(SEL)
th(SEL)
vcc
vss
vcc
vss
vcc
vss
vcc
vss
th(CLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com