Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 349 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 349 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 345Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 346Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 347Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 348Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 349Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 350Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 351Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 352Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 353Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 355 page
background image
38B5 Group User’s Manual
3-101
APPENDIX
3.12 M35501FP
“H” output voltage
“H” output voltage
“L” output voltage
Hysteresis
“H” input current
“H” input current
“L” input current
“L” input current
Output load current
Output leakage current
Power source
VOH
VOH
VOL
VT+— VT–
IIH
IIH
IIL
IIL
ILOAD
ILEAK
ICC
IOH = –18 mA
IOH = –10 mA
IOL = 10 mA
VCC = 5.0 V
VI = VCC
VI = VCC
VCC = 5.0 V
VI = VSS
VI = VSS
VCC = 5.0 V
VEE = VCC –43 V
VOL = VCC
Output transistors are off.
VEE = VCC –43 V
VOL = VCC –43 V
Output transistors are off.
Table 3.12.5 Electrical characteristics (VCC = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Test conditions
Parameter
Symbol
DIG output
DIG0–DIG15
OVFOUT
OVFOUT
CLK, OVFIN
RESET
OVFIN
RESET
CLK, SEL
OVFIN
CLK, SEL
RESET
DIG0 – DIG15
DIG0–DIG15
Limits
Min.
VCC –2.0
VCC –2.0
30
–60
500
Typ.
0.4
70
–130
650
50
Max.
2.0
5.0
140
–5.0
–185
800
–10
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
Unit
VCC = 5.0 V, CLK = 100 kHz
Output transistors are off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com