Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 346 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 346 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 342Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 343Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 344Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 345Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 346Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 347Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 348Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 349Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 350Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 355 page
background image
3-98
APPENDIX
38B5 Group User’s Manual
3.12 M35501FP
RESET CIRCUIT
To reset the controller, the RESET pin should be held at “L” for 2
µs or more. Reset is released when the RESET pin is returned to
“H” and the power source voltage is between 4.0 V and 5.5 V.
Notes1: Perform the reset release when CLK input signal is “L.”
2: When setting the number of digits by SEL signal, optional digit
counter is set to “0” by reset.
Fig. 3.12.11 Digit output waveform when reset signal is input
CLK
DIG0
DIG1
DIG2
DIG3
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com