Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 115 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 115 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 111Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 112Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 113Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 114Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 115Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 116Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 117Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 118Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 119Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-27
2.2 Timer
Fig. 2.2.24 Control procedure
SEI
T12M
T1
T34M
T4
ICON1
ICON2
T12M
CLI
00XX10X12
3F16
0X10XX0X2
FF16
1
0
0
IREQ2 (address 3D16), bit0 ?
1
RTI
T4 (address 2316)
(A)
214 < (A) < 228
0
Fpulse
1
Fpulse
(address 2816)
(address 2016)
(address 2916)
(address 2316)
(address 3E16),bit5
(address 3F16),bit0
(address 2816), bit0
T4
IREQ2
FF16
0
(address 2316)
(address 3D16), bit0
1/8
RESET
q X: This bit is not used here. Set it to “0” or “1” arbitrary.
•All interrupts disabled
Initialization
Timer 1 interrupt process routine
CLT (Note 1)
CLD (Note 2)
Push registers to stack
Out of range
Process judgment result
Pop registers
•Set division ratio so that Timer 1 interrupt will occur at 244
µs intervals.
•External pulses input from CNTR1 pin selected as Timer 4’s count source
•Setting Timer 4 count value
•Timer 1 interrupt enabled
•Timer 4 interrupt disabled
•Timer 1 count start
•Interrupts enabled
•Set so that pulse judgment process will be performed once each time
Timer 1 interrupt occurs 8 times, at 2 ms intervals.
Note 1: When using Index X mode flag (T)
Note 2: When using Decimal mode flag (D)
•Pushing registers used in interrupt process routine
•Popping registers pushed to stack
•Initialization of counter value
•Timer 4 interrupt request bit cleared
•Processing as out of range when the count value is 256 or more
•Count value read
•Storing count value into Accumulator (A)
•Compare the read value with
reference value.
•Store the comparison result to flag Fpulse.
In range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com