Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 118 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 118 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 114Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 115Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 116Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 117Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 118Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 119Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 120Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 121Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 122Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 355 page
background image
2-30
38B5 Group User’s Manual
APPLICATION
2.2 Timer
Fig. 2.2.27 Control procedure
RESET
SEI
P6D
TXM1
TXM2
TXL
TXH
INTEDGE
T12M
T2
ICON1
CLI
1011X1002
XXXXXX002
FF16
FF16
0X10XX1X2
0
XXXX1X1X2
RTI
(address 0D16),bit1
(address 2E16)
(address 2F16)
(address 2C16)
(address 2D16)
(address 3A16),bit6
(address 2816)
(address 2116)
(address 3E16)
TXM1
T12M
(address 2E16),bit7
(address 2816),bit1
0
0
0
1
q X: This bit is not used here. Set it to “0” or “1” arbitrary.
•All interrupts disabled
Initialization
•Setting P61/CNTR0/CNTR2 pin to input mode
•Timer X: Pulse width measurement mode
(Measuring “H” pulse width of input pulses from CNTR2 pin)
•Setting Timer X count value
•CNTR0 pin edge: Falling edge count
•External pulses input from CNTR0 pin selected as Timer 2’s count source
•Setting “0” to Timer 2
•Timers X and 2 interrupts: Enabled
•Timers X and 2 count start
•Interrupts enabled
Timer X interrupt process routine (Note 1)
CLT (Note 2)
CLD (Note 3)
Push registers to stack
Error processing
Pop registers
Notes1: Timer X interrupt also occurs owing to factors other than
measurement level.(CNTR2 input = “L” in this application)
Process it by software as error proccesing is performed for
measurement level as necessary . CNTR2 input level can be
checked by reading the contents of sharing port P61 register.
2: When using Index X mode flag (T)
3: When using Decimal mode flag (D)
•Popping registers pushed to stack
•Pushing registers used in interrupt process routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com