Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 116 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 116 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 112Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 113Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 114Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 115Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 116Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 117Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 118Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 119Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 120Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 355 page
background image
2-28
38B5 Group User’s Manual
APPLICATION
2.2 Timer
(5)
Timer application example 4: Measurement of FG pulse width for motor
Outline: The timer X counts the “H” level width of the pulses input to the P61/CNTR0/CNTR2 pin. An
underflow is detected by the timer X interrupt and an end of the input pulse “H” level is
detected by the timer 2 interrupt of which count source is the input to P61/CNTR0/CNTR2
pin.
Specifications: •The timer X counts the “H” level width of the FG pulse input to the P61/CNTR0/
CNTR2 pin.
<Example>
When f(XIN) = 4.19 MHz, the count source is 15.2
µs, which is obtained by dividing the clock
frequency by 64. Measurement can be made up to 1 s in the range of FFFF16 to 000016.
Figure 2.2.25 shows the timers connection and setting of division ratio; Figure 2.2.26 shows the
relevant registers setting; Figure 2.2.27 shows the control procedure.
Fig. 2.2.25 Timers connection and setting of division ratios
f(XIN) = 4.19 MHz
1 second
1/641/65536
0/1
Timer X count source
selection bit
Timer XTimer X interrupt
request bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com