Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 117 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 117 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 113Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 114Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 115Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 116Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 117Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 118Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 119Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 120Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 121Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-29
2.2 Timer
Fig. 2.2.26 Relevant registers setting
TXM2
b0
b7
0
0
T20
b0
b7
INTEDGE
b0
b7
1
T12M
b0
b7
00
1
0
TXM1
b0
b7
01
0
10
1
1
ICON1
b0
b7
1
1
IREQ1
b0
b7
TXL
FF16
TXH
FF16
b0
b7
b0
b7
P6D
P61/CNTR0/CNTR2: Input mode
b0
b7
0
Real time port function (P85): Invalid
Real time port function (P86): Invalid
Timer X mode register 2 (address 2F16)
Port P6 direction register (address 0D16)
Timer X mode register 1 (address 2E16)
Write value in latch and counter
Timer X count source: f(XIN)/64
Timer X operating mode: Pulse width measurement mode
CNTR2 active edge: Measuring “H” pulse width in pulse width measurement mode
Timer X count: Stop; Clear to “0” when starting count.
Timer 2 count: Stop
Timer 2 count source: External count input CNTR0
Set “65535 (FFFF16)” before stat of pulse width
measurement.
Timer X (low-order) (address 2C16)
Timer X (high-order) (address 2D16)
Interrupt edge selection register (address 3A16)
CNTR0 pin edge: Falling edge count
Timer 12 mode register (address 2816)
Timer 2 (address 2116)
Set “0”.
Timer 2 interrupt request occurs due to falling edge input to CNTR0 pin.
Interrupt control register 1 (address 3E16)
Timer X interrupt: Enabled
Timer 2 interrupt: Enabled
Interrupt request register 1 (address 3C16)
Timer X interrupt request (becomes “1” when Timer X underflows)
Timer 2 interrupt request (becomes “1” when “H” level input ends)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com