Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 120 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 120 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 116Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 117Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 118Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 119Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 120Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 121Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 122Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 123Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 124Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 355 page
background image
2-32
38B5 Group User’s Manual
APPLICATION
2.2 Timer
(6)
Timer application example 5: Control of stepping motor
Outline: The rotating of stepping motor is controlled by using real time output ports.
Specifications: •The motor is controlled by using 2 real time output ports.
•The count source is f(XIN) = 4.19 MHz divided by 8.
•Values of Timer X and real time output are updated in the timer X interrupt routine
Figure 2.2.28 shows the timers connection and the table example of timer X/RTP setting values;
Figure 29 shows the RTP output example; Figure 2.2.30 shows the relevant registers setting; Figure
2.2.31 shows the control procedure.
Fig. 2.2.28 Timers connection and table example of timer X/RTP setting values
Fig. 2.2.29 RTP output example
Timer X setting table example
RTP
output time
Timer X value
RTP value
TXM2,b2TXM2,b3
38B5 group
Motor
RTP P85
RTP P86
TXM2
TXL
TXH
RTP
table
Timer X
table
2FD016
11C116
122116
13A916
13C916
186916
208116
2B7116
T8
T7
T6
T5
T4
T3
T2
T1
(4)
(3)
(2)
(1)
0
0
1
1
0
1
0
1
RTP setting table example
RTP output
pattern
RTP: Real Time Port
RTP output time
RTP P85
RTP P86
RTP
output
pattern
(1)
T1
T2
T3
T4
T5
T6
T7
T8
RTP
output
pattern
(2)
RTP
output
pattern
(3)
RTP
output
pattern
(4)
(1)(2)(3)(4)
RTP: Real Time Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com