Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 205 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 205 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 201Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 202Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 203Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 204Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 205Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 206Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 207Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 208Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 209Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 355 page
background image
2-117
38B5 Group User’s Manual
APPLICATION
2.4 FLD controller
TRACK
DISC
SLEEP
RECDATE
CLOCK
REC
DIG2
DIG3
DIG4
DIG5
DIG6
DIG7
DIG8
DIG9 DIG10 DIG11
DIG12
DIG13
DIG14
DIG15
DIG0
DIG1
FLD
0
FLD
2 FLD3 FLD4
FLD
30
FLD
32FLD33 FLD34
FLD
5
FLD
7 FLD8 FLD9
FLD
10
FLD
12FLD13FLD14
FLD
15
FLD
17FLD18 FLD19
FLD
20
FLD
22 FLD23FLD24
FLD
25
FLD
27 FLD28 FLD29
FLD
35
FLD
1
FLD
31
FLD
6
FLD
11
FLD
16
FLD
21
FLD
26
FLD
0
FLD
1
FLD
2
FLD
3
FLD
4
FLD
5
FLD
6
FLD
7
FLD
8
FLD
9
FLD
10
FLD
12 FLD14
FLD
16
FLD
18
FLD
20 FLD22
FLD
24
FLD
26
FLD
28
FLD
29
REC
FLD
30
FLD
31 FLD32
FLD
33 FLD34
FLD
35
FLD
11
FLD
13 FLD15
FLD
17
FLD
19
FLD
21 FLD23
FLD
25
FLD
27
123
4567
89
10
20
19
18
17
16
15
14
13
12
11
21222324
28
27
26
25
29 30 31 32 33 34 35 36
1
234
5678
9
10
20
19
18
17
16
15
14
13
12
11
21222324
28
27
26
25
29 30 31 32 33 34 35 36
FLD
30
FLD
32
FLD
33
FLD
34
FLD
18
FLD
19
FLD
20
FLD
22
FLD
23
FLD
24
FLD
25
FLD
27
FLD
28
FLD
29
FLD
35
FLD
31
FLD
0
FLD
2
FLD
3
FLD
4
FLD
5
FLD
7
FLD
8
FLD
9
FLD
1
FLD
6
FLD
10
FLD
12
FLD
13
FLD
14
FLD
15
FLD
17
FLD
11
FLD
16
FLD
21
FLD
26
Initialization
P0FPR (address 0EF916)
P2FPR (address 0EFA16)
P8FPR (address 0EFB16)
FLDM (address 0EF416)
TDISP (address 0EF516)
TOFF1 (address 0EF616)
TOFF2 (address 0EF716)
FLDDP (address 0EF816)
P5D (address 000B16)
P5 (address 000A16)
P5 (address 000A16)
111111112
111111112
100011112
101000012
3216
A16
1016 (Note 1)
000011112
000000112
000000002
000000012
FLD automatic display RAM
(address 0FB016–0FFF16)
Data to be
display
Main processing
RESET
FLD automatic display function setting
FLD port setting
Port direction registers setting
Setting of CLK data to M35501FP and
segment data (Note 3)
Gradation display control
RAM
(addresses 0F6016–0FAF16)
Gradation
display control
data (Note 1)
Gradation display control data setting
Set “1” for dark display
Set “0” for bright display (Note 3)
RESET to M35501FP = “L
” ,
SEL = “L
” signal output set
RESET of M35501FP released (Note 2)
FLDM (address 0EF416), bit 11
FLD automatic display start
Notes 1: When selecting the gradation display, set these registers,
too.
2: After retaining RESET signal output “L” for 2
µs or more,
release reset while CLK signal is “L”.
3: The display data can be rewritten at arbitrary timing.
Fig. 2.4.36 FLD digit allocation example
Control procedure:
Figure 2.4.37 shows the control procedure.
Fig. 2.4.37 Control procedure
Y
h
ms
MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com