Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 206 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 206 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 202Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 203Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 204Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 205Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 206Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 207Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 208Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 209Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 210Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 355 page
background image
38B5 Group User’s Manual
2-118
APPLICATION
2.4 FLD controller
Fig. 2.4.38 Connection diagram
Specifications: •Use of M35501FP (M35501: 16 digits, 38B5 Group: 36 segments)
_____________
Ports P50 and P51 of 38B5 Group supply signal to the RESET and SEL pins of
M35501FP respectively.
The P87 pin (FLD port vacant pin) supply signals to the CLK pin of M35501FP.
•Use of FLD automatic display mode of 38B5 Group
•Display in gradation display mode and 16 timing mode
•Toff1 = 40
µs, Toff2 = 64 µs, Tdisp = 204 µs, f(XIN) = 4 MHz
Countermeasures against
→ •OVFOUT output of M35501FP input to CNTR1 pin of 38B5 Group
column discrepancycolumn
Input signal to CNTR1 pin is counted as a count source by timer
discrepancy
4 of 38B5 Group
The timer 6 interrupt is generated each time FLD display period
(Tdisp (204
µs) ! 16 column = 3.264 ms), and a value of timer
4 is confirmed. M35501FP is reset at incorrect state.
Figure 2.4.39 shows the timing chart (at correct state) of 38B5 Group and M35501FP, and Figure
2.4.40 shows the timing chart (at incorrect state) of 38B5 Group and M35501FP.
(5)
Display by combination with digit expander (M35501FP*) (example considering column discrepancy
prevention)
* For M35501FP, refer to section “3.12 M35501FP”.
Outline: In the case of (4), which is displayed by using the digit expander (M35501FP), if a noise
enters signals between 38B5 Group and M35501FP, a column discrepancy of display may
occur. Prevent the column discrepancy by using the OVFOUT output of M35501FP.
The OVFOUT pin of M35501FP outputs an overflow signal. The overflow signal is the
signal which outputs “H” synchronizing to the last digit output signal of M35501FP, and
the signal is output at definite intervals in the correct state. Incorrect state is detected by
measuring the output period of this signal, and a column discrepancy is prevented.
Digit (16)
Fluorescent display (FLD)
P30–P37
P10–P17
P00–P07
P20–P27
Segment (36)
38B5 Group
M35501FP
CLK
SEL
RESET
DIG0–DIG15
P80–P83
P87
P50
P51
OVFIN
TRACK
DISC
SLEEP
REC
DATE
CLOCK
REC
1234
567
89
10
20
19
18
17
16
15
14
13
12
11
21222324
28
27
26
25
29 30 31 32 33 34 35 36
CNTR1
OVFOUT
Y
hm
s
MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com