Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 208 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 208 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 204Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 205Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 206Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 207Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 208Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 209Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 210Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 211Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 212Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 355 page
background image
38B5 Group User’s Manual
2-120
APPLICATION
2.4 FLD controller
Figure 2.4.41 shows the setting of relevant registers.
Fig. 2.4.41 Setting of relevant registers
g
TOFF21 0 16
TDISP3216
TOFF10A16
1
1
1
1
1
1
1
1
11 1
0 001 1
P0FPR
1
1
1
1
1
1
1
1
P5D
11
P5
00
1 0 1 0
0 0 0 1
FLDM
Set P00–P07 to FLD output ports (FLD8–FLD15)
P2FPR
Port P2FLD/port switch register (address 0EFA16)
Set P20–P27 to FLD output ports (FLD0–FLD7)
P8FPR
Set P84–P86 to general-purpose I/O ports
Set P87 to FLD output port (FLD39)
Port P8FLD/port switch register (address 0EFB16)
Set P80–P83 to FLD output ports (FLD32–FLD35)
Set P50 to general-purpose output port (for M35501 RESET signal)
Port P5 direction register (address 000B16)
Set P51 to general-purpose output port (for M35501 SEL signal)
Port P5 (address 000A16)
M35501 RESET signal output (Note 1)
M35501 SEL signal “L” output
Note 1: After retain RESET signal output “L” for 2
µs or more, release reset by
outputting“H” level from RESET signal output at CLK signal = “L” .
FLDC mode register (address 0EF416)
Automatic display mode
Display stopped
Tscan = 0 FLD digit interrupt
16 timing mode
Gradation display mode selected
Tdisp counter count source : f(XIN)/16
High-breakdown voltage port drivability weak
Tdisp time set register (address 0EF516)
50 (3216) set; (50 + 1) ! count source = 204
µs
Count source = f(XIN)/16 = 4
µs, at f(XIN) = 4 MHz
Toff1 time set register (address 0EF616)
10 (A16) set; 10 ! count source = 40
µs
Count source = f(XIN)/16 = 4
µs, at f(XIN) = 4 MHz
Toff 2 t ime set regist er ( address 0EF716) (Note 2)
16 (1016) set; 16 ! count source = 64
µs
Count source = f(XIN)/16 = 4
µs, at f(XIN) = 4 MHz
Note 2: Perform this setting when the gradation display mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com