Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 211 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 211 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 207Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 208Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 209Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 210Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 211Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 212Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 213Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 214Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 215Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 355 page
background image
2-123
38B5 Group User’s Manual
APPLICATION
2.4 FLD controller
Push registers to stack, etc.
Check timer 4 data ?
Incorrect data (except FE16)
Correct
data (FE16)
Timer 6 interrupt routine
Error processing
FLDM (address 0EF416), bit 1
Transfer present display contents to work RAM
RTI
P5 (address 000A16)
P5 (address 000A16)
Setting of RESET to M35501FP = “L”,
SEL = “L” signal output
Releasing RESET of M35501FP (Note 2)
Display data is retained as backup.
0
FLD turned off
T4 (address 002316)
Pop registers
FF16
Setting of timer 4 again
Setting of CLK data to M35501FP
Setting of segment data by display data
of backup
Setting of gradation display control data
Set “1” for dark display
Set “0” for bright display
XXXXXX002
XXXXXX012
T56M (address 002A16), bit 0, 1
FLDM (address 0EF416), bit 1
002
1
Timer 5, timer 6 count start (Note 4)
FLD turned on, automatic display start (Note 4)
Interrupt occurs each time FLD display cycle = 3.264 ms
Check of OVFOUT output number during FLD display cycle
Only 1 time (=FE16) is correct.
(Note 5)
FLD automatic display RAM
(addresses 0FB016–0FFF16)
Data to be
display
Gradation display control
RAM
(addresses 0F6016–0FAF16)
Gradation
display control
data (Note 1)
Notes 1: When selecting the gradation display, set these registers,
too.
2: After retaining RESET signal output “L” for 2
µs or more,
release reset while CLK signal is “L”.
3: The display data can be rewritten at arbitrary timing.
4: Synchronize count start timing of timer 5 and timer 6 with
FLD automatic display start timing as possible.
5: Set segment data of M35501FP at reset and others
according to necessity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com