Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 214 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 214 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 210Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 211Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 212Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 213Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 214Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 215Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 216Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 217Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 218Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 355 page
background image
2-126
38B5 Group User’s Manual
APPLICATION
2.5 A-D converter
Fig. 2.5.3 Structure of A-D conversion register (low-order)
Fig. 2.5.4 Structure of A-D conversion register (high-order)
A-D conversion register (low-order)
b7 b6 b5 b4 b3 b2 b1 b0
A-D conversion register (low-order)
(ADL: address 3316)
b
0
0
0
0
0
0
0
0
At reset R W
1
2
3
4
5
6
7
Functions
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Nothing is arranged for these bits. These are write
disabled bits. When these bits are read out, the
contents are “0”.
These are A-D conversion result (low-order 2 bits)
stored bits. This is read exclusive register.
Note: Do not read this register during A-D conversion.
A-D conversion register (high-order)
b7 b6 b5 b4 b3 b2 b1 b0
A-D conversion register (high-order)
(ADH: address 3416)
b
0
0
0
0
0
0
0
0
At reset R W
1
2
3
4
5
6
7
Functions
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
This is A-D conversion result (high-order 8 bits) stored
bits. This is read exclusive register.
Note: Do not read this register during A-D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com