Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 213 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 213 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 209Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 210Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 211Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 212Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 213Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 214Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 215Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 216Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 217Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-125
2.5 A-D converter
2.5 A-D converter
This paragraph describes the setting method of A-D converter relevant registers, notes etc.
2.5.1 Memory assignment
Fig. 2.5.1 Memory assignment of A-D converter relevant registers
2.5.2 Relevant registers
Fig. 2.5.2 Structure of A-D control register
A-D control register (ADCON)
A-D conversion register (low-order) (ADL)
003216
003316
Address
A-D conversion register (high-order) (ADH)
003416
Interrupt request register 2 (IREQ2)
003D16
Interrupt control register 2 (ICON2)
003F16
A-D control register
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register
(ADCON: address 3216)
b
0
1
2
Name
0
Functions
At reset R W
0
0
0
Analog input pin
selection bits
b3 b2 b1 b0
0 0 0 0: P70/AN0
0 0 0 1: P71/AN1
0 0 1 0: P72/AN2
0 0 1 1: P73/AN3
0 1 0 0: P74/AN4
0 1 0 1: P75/AN5
0 1 1 0: P76/AN6
0 1 1 1: P77/AN7
1 0 0 0: P62/SRDY1/AN8
1 0 0 1: P63/AN9
1 0 1 0: P64/INT4/SBUSY1/AN10
1 0 1 1: P65/SSTB1/AN11
3
1
AD conversion
completion bit
0: Conversion in progress
1: Conversion completed
4
0
5
0
0
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com