Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 209 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 209 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 205Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 206Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 207Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 208Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 209Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 210Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 211Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 212Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 213Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 355 page
background image
2-121
38B5 Group User’s Manual
APPLICATION
2.4 FLD controller
Display start
FLDC mode register (address 0EF416)
1 0 1 0 0
0 1 1
FLDM
Interrupt edge selection register (address 003A16)
0
CNTR1 pin rising edge active
INTEDGE
Timer 34 mode register (address 002916)
Timer 4 count stop, count start at FLD display started
T34M
01
Timer 4 count source: External count input CNTR1
10
Check value of T4 each time timer 6 interrupt occurrence
When the value is FE16, it is judged as correct state
Timer 4 (address 002316)
T4FF16
Timer 56 mode register (address 002A16)
Timer 5 count stop, count start at FLD display started
T56M
Timer 5 count source: f(XIN)/8
00
1
Timer 6 count stop, count start at FLD display started
01
P44 I/O port
Timer 6: Timer mode
001
Timer 6 count source: Timer 5 underflow
Interrupt request register 2 (address 003D16)
0
Clear timer 6 interrupt request
IREQ2
Timer 5 (address 002416)
T50716
Timer 6 interrupt occurs at 3.264 ms intervals
Timer 6 (address 002516)
T6CB16
Interrupt control register 2 (address 003F16)
1
Timer 6 interrupt enabled
ICON20
0 0111 1
FLDDP0
0
FLD data pointer (address 0EF816)
Set {(digit number) – 1} = 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com