Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 210 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 210 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 206Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 207Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 208Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 209Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 210Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 211Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 212Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 213Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 214Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 355 page
background image
38B5 Group User’s Manual
2-122
APPLICATION
2.4 FLD controller
Control procedure:
Figure 2.4.42 shows the control procedure.
Fig. 2.4.42 Control procedure
Initialization
P0FPR (address 0EF916)
P2FPR (address 0EFA16)
P8FPR (address 0EFB16)
FLDM (address 0EF416)
TDISP (address 0EF516)
TOFF1 (address 0EF616)
TOFF2 (address 0EF716)
FLDDP (address 0EF816)
P5D (address 000B16)
P5 (address 000A16)
T34M (address 002916)
INTEDGE (address 003A16), bit 7
T4 (address 002316)
T56M (address 002A16)
T5 (address 002416)
T6 (address 002516)
P5 (address 000A16)
111111112
111111112
1XXX11112
101000012
3216
A16
1016 (Note 1)
XXXX11112
XXXXXX112
XXXXXX002
0X10XX1X2
0
FF16
000100112
716
CB16
XXXXXX012
FLD automatic display RAM
(addresses 0FB016–0FFF16)
Main processing
RESET
RESET of M35501FP released (Note 2)
IREQ2 (address 003D16), bit 2
ICON2 (address 003F16), bit 2
T34M (address 002916), bit 0
T56M (address 002A16), bit 0, 1
FLDM (address 0EF416), bit 1
0
1
0
002
1
Timer 4, timer 5, timer 6 count start (Note 4)
FLD automatic display start (Note 4)
Timer 5, timer 6 setting
Timer 6 interrupt enabled
qX: This bit is not used for this application.
Set “0” or “1” to this bit arbitrarily.
FLD automatic display function setting
FLD port setting
Port direction register setting
RESET to M35501FP = “L
” , SEL = “L” signal output setting
Timer 4 setting
Data to be
display
Setting of CLK data to M35501FP and
segment data (Note 3)
Setting of gradation display control data
Set “1” for dark display
Set “0” for bright display (Note 3)
Gradation display control
RAM
(addresses 0F6016–0FAF16)
Gradation
display control
data (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com