Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 45 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 45 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 41Page - ON Semiconductor AP0100CS Datasheet HTML 42Page - ON Semiconductor AP0100CS Datasheet HTML 43Page - ON Semiconductor AP0100CS Datasheet HTML 44Page - ON Semiconductor AP0100CS Datasheet HTML 45Page - ON Semiconductor AP0100CS Datasheet HTML 46Page - ON Semiconductor AP0100CS Datasheet HTML 47Page - ON Semiconductor AP0100CS Datasheet HTML 48Page - ON Semiconductor AP0100CS Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
45
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Protocol
Single READ from Random Location
Figure 32 shows the typical READ cycle of the host to the AP0100CS. The first two bytes
sent by the host are an internal 16-bit register address. The following 2-byte READ cycle
sends the contents of the registers to host.
Figure 32:
Single READ from Random Location
Single READ from Current Location
Figure 33 shows the single READ cycle without writing the address. The internal address
will use the previous address value written to the register.
Figure 33:
Single Read from Current Location
Sequential READ, Start from Random Location
This sequence (Figure 34) starts in the same way as the single READ from random loca-
tion (Figure 32 on page 45). Instead of generating a no-acknowledge bit after the first
byte of data has been transferred, the master generates an acknowledge bit and
continues to perform byte READs until “L” bytes have been read.
Figure 34:
Sequential READ, Start from Random Location
S = start condition
P = stop condition
Sr = restart condition
A = acknowledge
A = no-acknowledge
slave to master
master to slave
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
Slave Address
A
A
1
Sr
Read Data
[15:8]
P
Previous Reg Address, N
Reg Address, M
M+1
A
Read Data
[7:0]
A
Slave Address
1
S
A
Read Data
[15:8]
Slave Address
A
1
S
P
Read Data
[15:8]
P
Previous Reg Address, N
Reg Address, N+1
N+2
A
A
Read Data
[7:0]
A
Read Data
[7:0]
A
Read Data
(15:8)
A
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Slave Address
0
S
Sr
A Reg Address[15:8] A
Reg Address[7:0] A
Read Data
Slave Address
Previous Reg Address, N
Reg Address, M
M+1
M+2
M+1
M+3
A
1
M+L-2
M+L-1
M+L
A P
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com