Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 12 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 12 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 8Page - ON Semiconductor AP0100CS Datasheet HTML 9Page - ON Semiconductor AP0100CS Datasheet HTML 10Page - ON Semiconductor AP0100CS Datasheet HTML 11Page - ON Semiconductor AP0100CS Datasheet HTML 12Page - ON Semiconductor AP0100CS Datasheet HTML 13Page - ON Semiconductor AP0100CS Datasheet HTML 14Page - ON Semiconductor AP0100CS Datasheet HTML 15Page - ON Semiconductor AP0100CS Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
On-Chip Regulator
AP0100CS/D Rev. 6, Pub. 1/16 EN
12
©Semiconductor Components Industries, LLC,2016.
Power-Up Sequence
Powering up the ISP requires voltages to be applied in a particular order, as seen in
Figure 6. The timing requirements are shown in Table 6. The ISP includes a power-on
reset feature that initiates a reset upon power up of the ISP.
Figure 6:
Power-Up and Power-Down Sequence
Note:
1. When using XTAL the settling time should be taken into account.
Reset
The AP0100CS has three types of reset available:
• A hard reset is issued by toggling the RESET_BAR signal
• A soft reset is issued by writing commands through the two-wire serial interface
• An internal power-on reset
Table 7 on page 13 shows the output states when the part is in various states.
Table 6:
Power-Up and Power-Down Signal Timing
Symbol Parameter
Min
Typ
Max
Unit
t1
Delay from VDDIO_H to VDDIO_S, VDDIO_OTPM, VDDA_DAC, VDD_PHY
(When using HiSPi)
0–
50
ms
t2
Delay from VDDIO_H to VDD_REG
0
–
50
ms
t3
EXTCLK activation
t2 + 1
–
–
ms
t4
First serial command1
100
–
–
EXTCLK cycles
t5
EXTCLK cutoff
t6
–
–
ms
t6
Delay from VDD_REG to VDDIO_H
0
–
50
ms
t7
Delay from VDDIO_S, VDDIO_OTPM, VDDA_DAC, VDD_PHY (When using
HiSPi) to VDDIO_H
0–
50
ms
dv/dt
Power supply ramp time (slew rate)
–
–
0.1
V/s
VDDIO_H
VDD_REG
t3
t5
EXTCLK
SCLK
t4
SDATA
t1
t2
t7
t6
VDDIO_S, VDDIO_OTPM, VDDA_DAC,
VDD_PHY (when using HiSPi)
dv/dt
dv/dt
dv/dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com