Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 48 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 48 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 44Page - ON Semiconductor AP0100CS Datasheet HTML 45Page - ON Semiconductor AP0100CS Datasheet HTML 46Page - ON Semiconductor AP0100CS Datasheet HTML 47Page - ON Semiconductor AP0100CS Datasheet HTML 48Page - ON Semiconductor AP0100CS Datasheet HTML 49Page - ON Semiconductor AP0100CS Datasheet HTML 50Page - ON Semiconductor AP0100CS Datasheet HTML 51Page - ON Semiconductor AP0100CS Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Protocol
AP0100CS/D Rev. 6, Pub. 1/16 EN
48
©Semiconductor Components Industries, LLC,2016.
Device Configuration
After power is applied and the device is out of reset (either the power on reset, hard or
soft reset), it will enter a boot sequence to configure its operating mode. There are essen-
tially three configuration modes: Flash/EEPROM Config, Auto Config, and Host Config.
The AP0100CS firmware supports a System Configuration phase at start-up. This
consists of three sub-phases of execution:
Flash detection, then one of:
a. Flash Config
b. Auto Config
c. Host Config
The System Configuration phase is entered immediately following power-up or reset.
Then the firmware performs Flash Detection.
Flash Detection attempts to detect the presence of an SPI Flash or EEPROM device:
• If no device is detected, the firmware then samples the SPI_SDI pin state to determine
the next mode:
– If SPI_SDI is low, then it enters the Host-Config mode.
– If SPI_SDI is high, then it enters the Auto-Config mode.
• If a device is detected, the firmware switches to the Flash-Config mode.
In the Flash-Config mode, the firmware interrogates the device to determine if it
contains valid configuration records:
• If no records are detected, then the firmware enters the Auto-Config mode.
• If records are detected, the firmware processes them. By default, when all Flash
records are processed the firmware switches to the Host-Config mode. However, the
records encoded into the Flash can optionally be used to instruct the firmware to
proceed to auto-config, or to start streaming (via a Change-Config).
In the Host-Config mode, the firmware performs no configuration, and remains idle
waiting for configuration and commands from the host. The System Configuration
phase is effectively complete and the AP0100CS will take no actions until the host issues
commands.
The Auto-Config mode uses the GPIO [5..2] pins to configure the operation of the device,
such as video format and pedestal (see Table 18, “GPIO Bit Descriptions in Auto-Config,”
on page 49). After Auto-Config completes the firmware switches to the Change-Config
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com