Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 29 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 29 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 25Page - ON Semiconductor AP0100CS Datasheet HTML 26Page - ON Semiconductor AP0100CS Datasheet HTML 27Page - ON Semiconductor AP0100CS Datasheet HTML 28Page - ON Semiconductor AP0100CS Datasheet HTML 29Page - ON Semiconductor AP0100CS Datasheet HTML 30Page - ON Semiconductor AP0100CS Datasheet HTML 31Page - ON Semiconductor AP0100CS Datasheet HTML 32Page - ON Semiconductor AP0100CS Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
29
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Flicker Avoidance
Manual Mode
Manual mode is intended to allow simple manual exposure and white balance control
by the host. The host needs to set the CAM_AET_EXPOSURE_TIME_MS, CAM_AET_EX-
POSURE_GAIN and CAM_AWB_COLOR_TEMPERATURE controls, the camera will
calculate the appropriate integration times and gains.
Host Controlled
The Host Controlled mode is intended to give the host full control over exposure and
gains
Flicker Avoidance
Flicker occurs when the integration time is not an integer multiple of the period of the
light intensity. The AP0100CS can be programmed to avoid flicker for 50 or 60 Hertz. For
integration times below the light intensity period (10ms for 50Hz environment), flicker
cannot be avoided. The AP0100CS supports an indoor AE mode, that will ensure flicker-
free operation.
Flicker Detection
The AP0100CS supports flicker detection, the algorithm is designed only to detect a
50Hz or 60Hz flicker source.
Output Formatting
The pixel output data in AP0100CS will be transmitted as an 8/10 bit word over one or
two clocks.
Uncompressed YCbCr Data Ordering
The AP0100CS supports swapping YCbCr mode, as illustrated in Table 11.
The data ordering for the YCbCr output modes for AP0100CS are shown in Table 12:
Table 11:
YCbCr Output Data Ordering
Mode
Data Sequence
Default (no swap)
Cbi
Yi
Cri
Yi+1
Swapped CrCb
Cri
Yi
Cbi
Yi+1
Swapped YC
Yi
Cbi
Yi+1
Cri
Swapped CrCb, YC
Yi
Cri
Yi+1
Cbi
Table 12:
YCbCr Output Modes (cam_port_parallel_msb_align=0x1)
Mode
Byte
Pixel i
Pixel i+1
Notes
YCbCr_422_8_8
Odd (DOUT [15:8])
Cbi
Cri
Data range of 0-255 (Y=16-235 and C=16-240)
Even (DOUT [15:8])
Yi
Yi+1
YCbCr_422_10_10
Odd (DOUT [15:6])
Cbi
Cri
Data range of 0-1023 (Y=64-940 and C=64-
960)
Even (DOUT [15:6])
Yi
Yi+1
YCbCr_422_16
Single (DOUT [15:0])
Cbi_Yi
Cri_Yi+1
Data range of 0-255 (Y=16-235 and C=16-240)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com