Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 55 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 55 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 51Page - ON Semiconductor AP0100CS Datasheet HTML 52Page - ON Semiconductor AP0100CS Datasheet HTML 53Page - ON Semiconductor AP0100CS Datasheet HTML 54Page - ON Semiconductor AP0100CS Datasheet HTML 55Page - ON Semiconductor AP0100CS Datasheet HTML 56Page - ON Semiconductor AP0100CS Datasheet HTML 57Page - ON Semiconductor AP0100CS Datasheet HTML 58Page - ON Semiconductor AP0100CS Datasheet HTML 59Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
55
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Summary of Host Commands
Table 22:
STE Manager Host Commands
STE Manager Host
Command
Value
Type
Description
Config
0x8310
Synchronous
Configure using the default NTSC or PAL configuration stored in ROM
Load Config
0x8311
Asynchronous
Load a configuration from SPI NVM to the configuration cache
Load Status
0x8312
Synchronous
Get status of a Load Config request
Write Config
0x8313
Synchronous
Write a configuration (via CCIS) to the configuration cache
Table 23:
GPIO Host Commands
GPIO Host Command
Value
Type
Description
Set GPIO Property
0x8400
Synchronous
Set a property of one or more GPIO pins
Get GPIO Property
0x8401
Synchronous
Retrieve a property of a GPIO pin
Set GPIO State
0x8402
Synchronous
Set the state of a GPO pin or pins
Get GPIO State
0x8403
Synchronous
Get the state of a GPI pin or pins
Set GPI Association
0x8404
Synchronous
Associate a GPI pin state with a Command Sequence stored in SPI
NVM
Get GPI Association
0x8405
Synchronous
Retrieve a GPIO pin association
Table 24:
Flash Manager Host Command
Flash Mgr Host Command
Value
Type
Description
Get Lock
0x8500
Asynchronous
Request the Flash Manager access lock
Lock Status
0x8501
Synchronous
Retrieve the status of the access lock request
Release Lock
0x8502
Synchronous
Release the Flash Manager access lock
Config
0x8503
Synchronous
Configure the Flash Manager and underlying SPI NVM subsystem
Read
0x8504
Asynchronous
Read data from the SPI NVM
Write
0x8505
Asynchronous
Write data to the SPI NVM
Erase Block
0x8506
Asynchronous
Erase a block of data from the SPI NVM
Erase Device
0x8507
Asynchronous
Erase the SPI NVM device
Query Device
0x8508
Asynchronous
Query device-specific information
Status
0x8509
Synchronous
Obtain status of current asynchronous operation
Config Device
0x850A
Synchronous
Configure the attached SPI NVM device
Table 25:
Sequencer Host Command
Sequencer Host Command
Value
Type
Description
Refresh
0x8606
Asynchronous
Refresh the automatic image processing algorithm configuration
Refresh Status
0x8607
Synchronous
Retrieve the status of the last Refresh operation
Table 26:
Patch Loader Host Command
Patch Loader Host
Command
Value
Type
Description
Load Patch
0x8700
Asynchronous
Load a patch from SPI NVM and automatically apply
Status
0x8701
Synchronous
Get status of an active Load Patch or Apply Patch request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com