Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 64 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 64 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 60Page - ON Semiconductor AP0100CS Datasheet HTML 61Page - ON Semiconductor AP0100CS Datasheet HTML 62Page - ON Semiconductor AP0100CS Datasheet HTML 63Page - ON Semiconductor AP0100CS Datasheet HTML 64Page - ON Semiconductor AP0100CS Datasheet HTML 65Page - ON Semiconductor AP0100CS Datasheet HTML 66Page - ON Semiconductor AP0100CS Datasheet HTML 67Page - ON Semiconductor AP0100CS Datasheet HTML 68Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Usage Modes
AP0100CS/D Rev. 6, Pub. 1/16 EN
64
©Semiconductor Components Industries, LLC,2016.
NTSC Signal Parameters
Notes:
1. Black and white levels are referenced to the blanking level.
2. NTSC convention standardized by the IRE (1 IRE = 7.14mV).
3. DAC ref=3.74k, load = 37.5
Table 39:
NTSC Signal Parameters
Default Setup Conditions: fEXTCLK= 27 MHz, VDD_REG = 1.8V, VDD_IO_S = 1.8V, VDDA_DAC= 3.3V,
VDDIO_OTPM=2.5V, VDD_PHY = 2.5V
Parameter
Min
Typ
Max
Units
Notes
Line Frequency
15734.25
15734.27
15734.28
Hz
Field Frequency
59.94
59.94
59.94
Hz
Sync Rise Time
111
148
222
ns
Sync Fall Time
111
148
222
ns
Sync Width
4.60
4.74
4.80
s
Sync Level
394041
IRE
2
Burst Level
36
40
44
IRE
2
Sync to Setup
(with pedestal off)
9.2
9.5
10.3
s
Sync to Burst Start
4.71
5.3
5.71
s
Front Porch
1.27
1.7
2.22
s
Black Level
5
7.5
10
IRE
1, 2, 3
White Level
90
100
110
IRE
1, 2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com