Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 28 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 24Page - ON Semiconductor AP0100CS Datasheet HTML 25Page - ON Semiconductor AP0100CS Datasheet HTML 26Page - ON Semiconductor AP0100CS Datasheet HTML 27Page - ON Semiconductor AP0100CS Datasheet HTML 28Page - ON Semiconductor AP0100CS Datasheet HTML 29Page - ON Semiconductor AP0100CS Datasheet HTML 30Page - ON Semiconductor AP0100CS Datasheet HTML 31Page - ON Semiconductor AP0100CS Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Camera Control and Auto Functions
AP0100CS/D Rev. 6, Pub. 1/16 EN
28
©Semiconductor Components Industries, LLC,2016.
Auto White Balance
The AP0100CS has a built-in AWB algorithm designed to compensate for the effects of
changing spectra of the scene illumination on the quality of the color rendition. The
algorithm consists of two major parts: a measurement engine performing statistical
analysis of the image and a driver performing the selection of the optimal color correc-
tion matrix and IFP digital gain. While default settings of these algorithms are adequate
in most situations, the user can reprogram base color correction matrices, place limits
on color channel gains, and control the speed of both matrix and gain adjustments. The
AP0100 CSAWB displays the current AWB position in color temperature, the range of
which will be defined when programming the CCM matrixes.
The region of interest can be controlled through the combination of an inclusion
window and an exclusion window.
Exposure and White Balance Control
The Sensor Manager firmware component is responsible for controlling the application
of 'exposure' and 'white balance' within the system. This effectively means that all
control of integration times and gains (whether for exposure or white balance) is dele-
gated to the Sensor Manager. The Auto Exposure (AE) and Auto White Balance (AWB)
algorithms use services provided by the Sensor Manager to apply exposure and/or white
balance changes.
Dual Band IRCF
For some applications a day/night filter would be switched in/out, this option is an
additional cost to the camera system. The AP0100CS supports the use of dual band IRCF,
which removes the need for the switching day/night filter. Tuning support is provided
for this usage case. Refer to the AP0100CS developer guide for details.
Exposure and White Balance Modes
The AP0100CS supports auto and manual exposure and white balance modes. In addi-
tion, it will operate within synchronized multi-camera systems. In this use case, one
camera within the system will be the 'master', and the others 'slaves'. The master is used
to calculate the appropriate exposure and white balance. This is then applied to all
slaves concurrently under host control.
Auto Mode
In Auto Exposure mode the AE algorithm is responsible for calculating the appropriate
exposure to keep the desired scene brightness, and for applying the exposure to the
underlying hardware. In Auto White Balance mode the AWB algorithm is responsible for
calculating the color temperature of the scene and applying the appropriate red and
blue gains to compensate.
Triggered Auto Mode
The Triggered Auto Exposure and Triggered Auto White Balance modes are intended for
the multi-camera use cases, where a host is controlling the exposure and white balance
of a number of cameras. The idea is that one camera is in triggered-auto mode (the
master), and the others in host-controlled mode (slaves). The master camera must
calculate the exposure and gains, the host then copies this to the slaves, and all changes
are then applied at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com