Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 66 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 66 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 62Page - ON Semiconductor AP0100CS Datasheet HTML 63Page - ON Semiconductor AP0100CS Datasheet HTML 64Page - ON Semiconductor AP0100CS Datasheet HTML 65Page - ON Semiconductor AP0100CS Datasheet HTML 66Page - ON Semiconductor AP0100CS Datasheet HTML 67Page - ON Semiconductor AP0100CS Datasheet HTML 68Page - ON Semiconductor AP0100CS Datasheet HTML 69Page - ON Semiconductor AP0100CS Datasheet HTML 70Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Usage Modes
AP0100CS/D Rev. 6, Pub. 1/16 EN
66
©Semiconductor Components Industries, LLC,2016.
Figure 46:
Equalizing Pulse
Table 41:
Equalizing Pulse: Specification from Rec. ITU-R BT.470
Signal
NTSC
27 MHz
PAL
27 MHz
Units
I
H/2 Period
31.778
32.00
s
J
Pulse width
2.30 ± 0.10
2.35 ± 0.10
s
K
Pulse rising/falling edge
0.25
0.25 ± 0.05
s
L
Signal to pulse
1.50 ± 0.10
3.0 ± 2.0
s
L
J
I
K
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com