Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 22 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 22 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 18Page - ON Semiconductor AP0100CS Datasheet HTML 19Page - ON Semiconductor AP0100CS Datasheet HTML 20Page - ON Semiconductor AP0100CS Datasheet HTML 21Page - ON Semiconductor AP0100CS Datasheet HTML 22Page - ON Semiconductor AP0100CS Datasheet HTML 23Page - ON Semiconductor AP0100CS Datasheet HTML 24Page - ON Semiconductor AP0100CS Datasheet HTML 25Page - ON Semiconductor AP0100CS Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Test Patterns
AP0100CS/D Rev. 6, Pub. 1/16 EN
22
©Semiconductor Components Industries, LLC,2016.
PAL Test Patterns
Figure 15:
PAL Test Patterns
Each NTSC/PAL test pattern consists of seven or eight color bars (white, yellow, cyan,
green, magenta, red, blue and optionally black). The Y, Cb and Cr values for each bar are
detailed in Table 10.
For the NTSC SMPTE test pattern it is also required to generate -I, +Q, -4 black and +4
black.
Table 10:
NTSC/PAL Test Pattern Values
Nominal
Range
White
100%
White
75%
Yellow
Cyan
Green
Magent
a
Red
Blue
Black
-I
-Q
-4
black
+4
black
Y
16 to 235
235
180
162
131
112
84
65
35
16
16
16
7
25
Cb
16 to 240
128
128
44
156
72
184
100
212
128
156
171
128
128
Cr
16 to 240
128
128
142
44
58
198
212
114
128
97
148
128
128
Test Pattern
Example
EBU Full Field 7 Color Bars
REG= 0xC88C, 0x02
// CAM_MODE_SELECT
REG= 0xC88F, 0x1E
// CAM_MODE_TEST_PATTERN_SELECT
Load = Change-Config
EBU Full Field 8 Color Bars
REG= 0xC88C, 0x02
// CAM_MODE_SELECT
REG= 0xC88F, 0x1F
// CAM_MODE_TEST_PATTERN_SELECT
Load = Change-Config



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com