Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 38 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 38 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 34Page - ON Semiconductor AP0100CS Datasheet HTML 35Page - ON Semiconductor AP0100CS Datasheet HTML 36Page - ON Semiconductor AP0100CS Datasheet HTML 37Page - ON Semiconductor AP0100CS Datasheet HTML 38Page - ON Semiconductor AP0100CS Datasheet HTML 39Page - ON Semiconductor AP0100CS Datasheet HTML 40Page - ON Semiconductor AP0100CS Datasheet HTML 41Page - ON Semiconductor AP0100CS Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Overlay Capability
AP0100CS/D Rev. 6, Pub. 1/16 EN
38
©Semiconductor Components Industries, LLC,2016.
Figure 26:
Zoom and Look Right
Overlay Capability
Figure 27 highlights the graphical overlay data flow of the AP0100CS. The images are
separated to fit into 4KB blocks of memory after compression.
• Up to seven overlays may be blended simultaneously
• Overlay size up to 720 x 576 pixels rendered
• Selectable readout: rotating order is user programmable
• Dynamic movement through predefined overlay images
• Palette of 32 colors out of 16 million with 16 colors per bitmap
• Each color has a YCbCr (8-8-8 bit) and 8 bits for the Alpha value (Transparency).
• Each layer has a built in fader which when enabled scales the Alpha value for each
pixel.
• Blend factors may be changed dynamically to achieve smooth transitions
The overlay engine is controlled through host commands that allow a bitmap to be
written piecemeal to a memory buffer through the two-wire serial interface, and
through a DMA chanel direct from SPI Flash memory. Multiple encoding passes may be
required to fit an image into a 4KB block of memory; alternatively, the image can be
divided into two or more blocks to make the image fit. Every graphic image may be posi-
tioned in an x/y direction and overlap with other graphic images.
The host may load an image at any time. Under control of DMA assist, data are trans-
ferred to the off-screen buffer in compressed form. This assures that no display data are
corrupted during the replenishment of the seven active overlay buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com