Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 8 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 4Page - ON Semiconductor AP0100CS Datasheet HTML 5Page - ON Semiconductor AP0100CS Datasheet HTML 6Page - ON Semiconductor AP0100CS Datasheet HTML 7Page - ON Semiconductor AP0100CS Datasheet HTML 8Page - ON Semiconductor AP0100CS Datasheet HTML 9Page - ON Semiconductor AP0100CS Datasheet HTML 10Page - ON Semiconductor AP0100CS Datasheet HTML 11Page - ON Semiconductor AP0100CS Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
System Interfaces
AP0100CS/D Rev. 6, Pub. 1/16 EN
8
©Semiconductor Components Industries, LLC,2016.
ENDLO
Input
Regulator enable (VDD_REG domain)
SPI_SCLK
Output
Clock output for interfacing to an external SPI flash or EEPROM memory.
SPI_SDI
Input/PU
Data in from SPI flash or EEPROM memory. When no SPI device is fitted, this
signal is used to determine whether the AP0100CS should auto-configure: 0:
Do not auto-configure; Two-wire interface will be used to configure the
device (host-config mode) 1: Auto-configure. This signal has an internal pull-
up resistor.
SPI_SDO
Output
Data out to SPI flash or EEPROM memory.
SPI_CS_BAR
Output
Chip select out to SPI flash or EEPROM memory.
EXT_CLK_OUT
Output
Clock to external sensor.
RESET_BAR_OUT
Output
Reset signal to external signal.
M_SCLK
Output
Two-wire serial interface clock (Master).
M_SDATA
I/O
Two-wire serial interface clock (Master).
FV_IN
Input
Sensor frame valid input.
LV_IN
Input
Sensor line valid input.
PIXCLK_IN
Input
Sensor pixel clock input.
DIN[11:0]
Input
Sensor pixel data input DIN[11:0]
CLK_N
Input
Differential HiSPi clock (sub-LVDS, negative).
CLK_P
Input
Differential HiSPi clock (sub-LVDS, positive).
DATA0_N
Input
Differential HiSPi data, lane 0 (sub-LVDS, negative).
DATA0_P
Input
Differential HiSPi data, lane 0 (sub-LVDS, positive).
DATA1_N
Input
Differential HiSPi data, lane 1 (sub-LVDS, negative).
DATA1_P
Input
Differential HiSPi data, lane 1 (sub-LVDS, positive).
TRIGGER_OUT
Output
Trigger signal for external sensor.
FV_OUT
Output
Host frame valid output (synchronous to PIXCLK_OUT)
LV_OUT
Output
Host line valid output (synchronous to PIXCLK_OUT)
PIXCLK_OUT
Output
Host pixel clock output.
DOUT[15:0]
Output
Host pixel data output (synchronous to PIXCLK_OUT) DOUT[15:0].
DAC_POS
Output
Positive video DAC output in differential mode. Video DAC output in single-
ended mode. This interface is enabled by default using NTSC/PAL signaling.
For applications where composite video output is not required, the video DAC
can be placed in a power-down state under software control.
DAC_NEG
Output
Negative video DAC output in differential mode.
DAC_REF
Output
External reference resistor for Video DAC.
GPIO [5:1]
I/O
General purpose digital I/O.
TRST_BAR
Input
Must be tied to GND in normal operation.
VDDIO_S
Supply
Sensor I/O power supply.
VDDIO_H
Supply
Host I/O power supply.
VDD_PLL
Supply
PLL supply.
VDD
Supply
Core supply.
VDDIO_OTPM
Supply
OTPM power supply.
VDD_DAC
Supply
Video DAC digital power
VDDA_DAC
Supply
Video DAC analog power
VDD_PHY
Supply
PHY IO voltage for HiSPi
Table 3:
Pin Descriptions (Continued)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com