Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 6 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 2Page - ON Semiconductor AP0100CS Datasheet HTML 3Page - ON Semiconductor AP0100CS Datasheet HTML 4Page - ON Semiconductor AP0100CS Datasheet HTML 5Page - ON Semiconductor AP0100CS Datasheet HTML 6Page - ON Semiconductor AP0100CS Datasheet HTML 7Page - ON Semiconductor AP0100CS Datasheet HTML 8Page - ON Semiconductor AP0100CS Datasheet HTML 9Page - ON Semiconductor AP0100CS Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
System Interfaces
AP0100CS/D Rev. 6, Pub. 1/16 EN
6
©Semiconductor Components Industries, LLC,2016.
Figure 3:
Typical HiSPi Configuration
HiSPi and Parallel Connection
When using the HiSPi interface, the user should connect the parallel interface to
VDDIO_S.
When using the parallel interface, the HiSPi interface and power supply (VDD_PHY) can
be left floating.
VDDIO_OTPM
LDO_OP4
VDD_REG4
VDDIO_S6
VDDIO _S
VDDIO _H
Sensor IO
power
Host IO
power
M_SCLK
M_SDATA
EXTCLK_OUT
RESET_BAR_OUT
FV _IN
LV_IN
PIXCLK _IN
DIN [11:0]
TRIGGER_OUT
1. 8V
( R egulator
IP)
GND_REG
FV_OUT
LV_OUT
PIXCLK_OUT
DOUT[15:0]
SCLK
SDATA
SADDR
SPI_CS_BAR
SPI_CLK
SPI_SDO
SPI_SDI
TRST_BAR5
OTPM
power
VDDIO_H
GND
GPIO_1
GPIO_2
GPIO_3
GPIO_4
GPIO_5
EXTCLK
XTAL
VDDIO_DAC
DAC_POS
DAC_NEG
DAC_REF
CLK_N CLK_P
DATA0_N DATA0_P
DATA1_N DATA1_P
1 . 2 V ( R egulator OP)
P ower up C ore, P LL.
and DAC digital
DAC
analog
power
HiSPi
voltage
VDDIO_PHY
Sensor IO
power
FRAME_SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com