Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 68 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 68 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 64Page - ON Semiconductor AP0100CS Datasheet HTML 65Page - ON Semiconductor AP0100CS Datasheet HTML 66Page - ON Semiconductor AP0100CS Datasheet HTML 67Page - ON Semiconductor AP0100CS Datasheet HTML 68Page - ON Semiconductor AP0100CS Datasheet HTML 69Page - ON Semiconductor AP0100CS Datasheet HTML 70Page - ON Semiconductor AP0100CS Datasheet HTML 71Page - ON Semiconductor AP0100CS Datasheet HTML 72Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Usage Modes
AP0100CS/D Rev. 6, Pub. 1/16 EN
68
©Semiconductor Components Industries, LLC,2016.
Notes:
1. R_DAC_POS=75, R_DAC_NEG=37.5, R_DAC_REF= 3.74k
2. . Current in single ended mode. When in differential mode the current will be 37.9mA.
Table 44:
Operating Current Consumption
Default Setup Conditions: fEXTCLK = 27 MHz, VDD_REG=1.8V; VDDIO_H not included in measurement
VDDIO_S= 1.8V, VDDA_DAC=3.3V, VDDIO_OTPM=2.5V, VDD_PHY=2.5V, TA = 70°C unless otherwise stated
Symbol
Conditions
Min
Typ
Max
Unit
VDD_REG
1.62
1.8
1.98
V
VDDIO_H=2.5V
2.25
2.5
2.75
V
VDDIO_H=3.3V
3
3.3
3.6
V
VDDIO_S=1.8V
1.7
1.8
1.9
V
VDDIO_S=2.8V
2.5
2.8
3.1
V
VDDIO_OTPM=2.5V
2.25
2.5
2.75
V
VDDIO_OTPM=3.3V
3
3.3
3.6
V
VDDA_DAC
3
3.3
3.6
V
VDD_PHY
2.3
2.8
3.1
V
IDD_REG
NTSC HiSPi 12-bit
63.7
mA
NTSC HiSPi 14-bit
63.6
mA
NTSC
64.1
mA
PAL
59.5
mA
IDDIO_S
NTSC HiSPi 12-bit
3.2
mA
NTSC HiSPi 14-bit
3.2
mA
NTSC
3.3
mA
PAL
3.3
mA
IDDIO_OTPM
NTSC HiSPi 12-bit
0.1
mA
NTSC HiSPi 14-bit
0.1
mA
NTSC
0.1
mA
PAL
0.1
mA
IDDA_DAC
NTSC HiSPi 12-bit
1, 2
19.54
mA
NTSC HiSPi 14-bit
1, 2
19.54
mA
NTSC
1, 2
19.54
mA
PAL
1, 2
19.54
mA
IDD_PHY
NTSC HiSPi 12-bit
0.3
mA
NTSC HiSPi 14-bit
0.3
mA
NTSC
0.0
mA
PAL
0.0
mA
Total power consumption
NTSC HiSPi 12-bit
185.66
mW
NTSC HiSPi 14-bit
185.56
mW
NTSC
185.56
mW
PAL
177.46
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com