Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 53 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 53 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 49Page - ON Semiconductor AP0100CS Datasheet HTML 50Page - ON Semiconductor AP0100CS Datasheet HTML 51Page - ON Semiconductor AP0100CS Datasheet HTML 52Page - ON Semiconductor AP0100CS Datasheet HTML 53Page - ON Semiconductor AP0100CS Datasheet HTML 54Page - ON Semiconductor AP0100CS Datasheet HTML 55Page - ON Semiconductor AP0100CS Datasheet HTML 56Page - ON Semiconductor AP0100CS Datasheet HTML 57Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
53
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Multitasking
Multitasking
The AP0100CS firmware is multitasking; therefore note that it is possible for an inter-
nally requested command to be in-progress when the Host issues a command. In these
circumstances, the Host command is immediately rejected with EBUSY. The Host
should reissue the command after a short interval.
Host Commands
Overview
The AP0100CS supports a number of functional modules or processing subsystems.
Each module or subsystem exposes commands to the host to control and configure its
operation.
Command Parameters
Command parameters are written to the Parameters Pool shared-variables by the host
prior to invoking the command. Similarly, any Command Response parameters are also
written back to the Parameters Pool by the firmware.
Result Status Codes
Table 19 shows the result status codes that are written by the Command Handler to the
Host Command register, in response to a command.
Note:
Any unrecognized host commands will be immediately rejected by the Command Handler, with
result status code ENOSYS.
Table 19:
Result Status Codes
Value
Mnemonic
Typical Interpretation – each command may re-interpret
0x00
ENOERR
No error – command was successful
0x01
ENOENT
No such entity
0x02
EINTR
Operation interrupted
0x03
EIO
I/O failure
0x04
E2BIG
Too big
0x05
EBADF
Bad file/handle
0x06
EAGAIN
Would-block, try again
0x07
ENOMEM
Not enough memory/resource
0x08
EACCES
Permission denied
0x09
EBUSY
Entity busy, cannot support operation
0x0A
EEXIST
Entity exists
0x0B
ENODEV
Device not found
0x0C
EINVAL
Invalid argument
0x0D
ENOSPC
no space/resource to complete
0x0E
ERANGE
parameter out-of-range
0x0F
ENOSYS
operation not supported
0x10
EALREADY
already requested/exists



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com