Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 62 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 62 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 58Page - ON Semiconductor AP0100CS Datasheet HTML 59Page - ON Semiconductor AP0100CS Datasheet HTML 60Page - ON Semiconductor AP0100CS Datasheet HTML 61Page - ON Semiconductor AP0100CS Datasheet HTML 62Page - ON Semiconductor AP0100CS Datasheet HTML 63Page - ON Semiconductor AP0100CS Datasheet HTML 64Page - ON Semiconductor AP0100CS Datasheet HTML 65Page - ON Semiconductor AP0100CS Datasheet HTML 66Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Usage Modes
AP0100CS/D Rev. 6, Pub. 1/16 EN
62
©Semiconductor Components Industries, LLC,2016.
Figure 43:
Frame_Sync (Interlaced Operation) Diagram
Offset Error
OER
±1
% FS
For differental output only
Gain Error
DGER
±2
% FS
Absolute Gain Error
GER
±5
% FS
Table 37:
Frame_Sync (Interlaced Operation) Parameters
Parameter
Name
Conditions
Min
Typ
Max Unit
T_FRAME_SYNC
T_FRAME_SYNC
3
EXTCLK cycles
T_RESYNC
T_RESYNC
NTSC
100
ms
T_RESYNC
T_RESYNC
PAL
120
ms
Table 36:
Video DAC Electrical Characteristics
Default Setup Conditions: fEXTCLK= 27 MHz, VDDIO_H = VDD_OTPM = 2.8V, VDD_REG = VDDIO_S = 1.8V,
VDDA_DAC=3.3V, VDD_DAC=1.2V; TA = 25°C unless otherwise stated
Parameter
Symbol
Min
Typ
Max
Unit
Comments
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com