Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 35 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 35 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 31Page - ON Semiconductor AP0100CS Datasheet HTML 32Page - ON Semiconductor AP0100CS Datasheet HTML 33Page - ON Semiconductor AP0100CS Datasheet HTML 34Page - ON Semiconductor AP0100CS Datasheet HTML 35Page - ON Semiconductor AP0100CS Datasheet HTML 36Page - ON Semiconductor AP0100CS Datasheet HTML 37Page - ON Semiconductor AP0100CS Datasheet HTML 38Page - ON Semiconductor AP0100CS Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
35
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Bayer Modes
Bayer Modes
Bayer output modes are only available in progressive output mode before STE. The data
ordering for the ALTM Bayer output modes for AP0100CS are shown in Table 14.
Table 14 and Table 15 show LSB aligned data; it is possible using register setting to obtain
MSB aligned data.
The data ordering for the Bayer output modes for AP0100CS are shown in Table 15.
Note:
Bayer_12 can be selected by setting cam_mode_select = 0x1 and requesting a Change-Config
operation.
Sensor Embedded Data
The AP0100CS is capable of passing sensor embedded data in Bayer output mode only.
The AP0100CS Statistics are available through the serial interface. Refer to the developer
guide for details.
Table 14:
ALTM Bayer Output Modes
Mode
Byte
D1
5
D1
4
D1
3
D1
2
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALTM_Bayer_10
Single
0
0
0
0
0
0
D9
D98
D7
D6
D5
D4
D3
D2
D1
D0
ALTM_Bayer_12
Single
0
0
0
0
D11
D10
D9D8D7D6D5D4D3D2D1D0
Table 15:
Bayer Output Modes
Mode
Byte
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Notes
Bayer_1
2
Singl
e
0000
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
RAW Bayer
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com