Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 23 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 23 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 19Page - ON Semiconductor AP0100CS Datasheet HTML 20Page - ON Semiconductor AP0100CS Datasheet HTML 21Page - ON Semiconductor AP0100CS Datasheet HTML 22Page - ON Semiconductor AP0100CS Datasheet HTML 23Page - ON Semiconductor AP0100CS Datasheet HTML 24Page - ON Semiconductor AP0100CS Datasheet HTML 25Page - ON Semiconductor AP0100CS Datasheet HTML 26Page - ON Semiconductor AP0100CS Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
23
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Test Patterns
Figure 16:
Test Pattern
Defect Correction
Image stream processing commences with the defect correction function immediately
after data decompanding.
To obtain defect free images, the pixels marked defective during sensor readout and the
pixels determined defective by the defect correction algorithms are replaced with values
derived from the non-defective neighboring pixels. This image processing technique is
called defect correction.
AdaCD (Adaptive Color Difference)
Automotive applications require good performance in extremely low light, even at high
temperature conditions. In these stringent conditions the image sensor is prone to
higher noise levels, and so efficient noise reduction techniques are required to circum-
vent this sensor limitation and deliver a high quality image to the user.
The AdaCD Noise Reduction Filter is able to adapt its noise filtering process to local
image structure and noise level, removing most objectionable color noise while
preserving edge details.
Black Level Subtraction and Digital Gain
After noise reduction, the pixel data goes through black level subtraction and multiplica-
tion of all pixel values by a programmable digital gain. Independent color channel digital
gain can be adjusted with registers. Black level subtraction (to compensate for sensor
data pedestal) is a single value applied to all color channels. If the black level subtraction
produces a negative result for a particular pixel, the value of this pixel is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com