Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 26 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 26 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 22Page - ON Semiconductor AP0100CS Datasheet HTML 23Page - ON Semiconductor AP0100CS Datasheet HTML 24Page - ON Semiconductor AP0100CS Datasheet HTML 25Page - ON Semiconductor AP0100CS Datasheet HTML 26Page - ON Semiconductor AP0100CS Datasheet HTML 27Page - ON Semiconductor AP0100CS Datasheet HTML 28Page - ON Semiconductor AP0100CS Datasheet HTML 29Page - ON Semiconductor AP0100CS Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Test Patterns
AP0100CS/D Rev. 6, Pub. 1/16 EN
26
©Semiconductor Components Industries, LLC,2016.
Color Correction and Aperture Correction
To achieve good color fidelity of the IFP output, interpolated RGB values of all pixels are
subjected to color correction. The IFP multiplies each vector of three pixel colors by a 3 x
3 color correction matrix. The three components of the resulting color vector are all
sums of three 10-bit numbers. The color correction matrix can be either programmed by
the user or automatically selected by the auto white balance (AWB) algorithm imple-
mented in the IFP. Color correction should ideally produce output colors that are
corrected for the spectral sensitivity and color crosstalk characteristics of the image
sensor. The optimal values of the color correction matrix elements depend on those
sensor characteristics and on the spectrum of light incident on the sensor. The color
correction variables can be adjusted through register settings.
Traditionally this would have been derived from two sets of CCM, one for Warm light like
Tungsten and the other for Daylight (the part would interpolate between the two
matrices). This is not an optimal solution for cameras used in a Cool White Fluorescent
(CWF) environment. A better solution is to provide three CCMs, which would include a
matrix for CWF (interpolation now between three matrices). The AP0100CS offers this
feature which will give the user improved color fidelity when under CWF type lighting.
To increase image sharpness, a programmable 2D aperture correction (sharpening filter)
is applied to color-corrected image data. The gain and threshold for 2D correction can
be defined through register settings.
Gamma Correction
The gamma correction curve is implemented as a piecewise linear function with 33 knee
points, taking 12-bit arguments and mapping them to 10-bit output. The abscissas of the
knee points are fixed at 0, 8, 16, 24, 32, 40, 48, 56, 64, 80, 96, 112, 128, 160, 192, 224, 256,
320, 384, 448, 512, 640, 768, 896, 1024, 1280, 1536, 1792, 2048, 2560, 3072, 3584, and 4096.
The 10-bit ordinates are programmable through variables.
The AP0100CS has the ability to calculate the 33-point knee points based on the tuning
of cam_ll_gamma and cam_ll_contrast_gradient_bright. The other method is for the
host to program the 33 knee point curve themselves.
Also included in this block is a Fade-to Black curve which sets all knee points to zero and
causes the image to go black in extreme low light conditions.
Color Kill
To remove high-or low-light color artifacts, a color kill circuit is included. It affects only
pixels whose luminance exceeds a certain preprogrammed threshold. The U and V
values of those pixels are attenuated proportionally to the difference between their lumi-
nance and the threshold.
YUV Color Filter
As an optional processing step, noise suppression by one-dimensional low-pass filtering
of Y and/or UV signals is possible. A 3- or 5-tap filter can be selected for each signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com