Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 49 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 49 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 45Page - ON Semiconductor AP0100CS Datasheet HTML 46Page - ON Semiconductor AP0100CS Datasheet HTML 47Page - ON Semiconductor AP0100CS Datasheet HTML 48Page - ON Semiconductor AP0100CS Datasheet HTML 49Page - ON Semiconductor AP0100CS Datasheet HTML 50Page - ON Semiconductor AP0100CS Datasheet HTML 51Page - ON Semiconductor AP0100CS Datasheet HTML 52Page - ON Semiconductor AP0100CS Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
49
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Protocol
Supported SPI Devices
Table 17 lists supported EEPROM/Flash devices. Devices not compatible will require a
firmware patch. Contact ON Semiconductor for additional support.
Notes:
1. Has been obsoleted.
Table 17:
SPI Flash Devices
Manufacturer
Device
Type
Size
Autodetected
ManuID
Atmel
AT26DF081A
Flash
1Mbyte
Yes
0x1f4501
Atmel
AT25DF161
Flash
2Mbyte
Yes
0x1f4602
Sanyo1
LE25FW806
Flash
1Mbyte
Yes
0x622662
ST
M25P05A
Flash
64kbyte
Yes
0x202010
ST
M25P16
Flash
2Mbyte
Yes
0x202015
ST
M95040
EEPROM
512byte
No
0x20ffff
ST
M95020
EEPROM
256byte
No
0x20ffff
ST
M95010
EEPROM
128byte
No
0x20ffff
ST
M95M01
EEPROM
128kbyte
No
0x20ffff
Microchip
M25AA080
EEPROM
1kbyte
No
0x29ffff
Microchip
M25LC080
EEPROM
1kbyte
No
0x29ffff
Table 18:
GPIO Bit Descriptions in Auto-Config
GPIO[5]
GPIO[4]
GPIO[3]
GPIO[2]
Low (“0”)
Normal
Normal
NTSC
No pedestal
High (“1”)
Vertical Flip
Horizontal mirror
PAL
Pedestal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com