Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 41 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 41 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 37Page - ON Semiconductor AP0100CS Datasheet HTML 38Page - ON Semiconductor AP0100CS Datasheet HTML 39Page - ON Semiconductor AP0100CS Datasheet HTML 40Page - ON Semiconductor AP0100CS Datasheet HTML 41Page - ON Semiconductor AP0100CS Datasheet HTML 42Page - ON Semiconductor AP0100CS Datasheet HTML 43Page - ON Semiconductor AP0100CS Datasheet HTML 44Page - ON Semiconductor AP0100CS Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
AP0100CS/D Rev. 6, Pub. 1/16 EN
41
©Semiconductor Components Industries, LLC,2016.
AP0100CS HDR: Image Signal Processor (ISP)
Overlay Adjustment
Overlay Adjustment
To ensure a correct position of the overlay to compensate for assembly deviation, the
overlay can be adjusted with assistance from the calibration statistics engine:
• The calibration statistics engine supports a windowed 8-bin luma histogram, either
row-wise (vertical) or column-wise (horizontal).
• The example calibration statistics function of the firmware can be used to perform an
automatic successive approximation search of a cross-hair target within the scene.
• On the first frame, the firmware performs a coarse horizontal search, followed by a
coarse vertical search in the second frame.
• In subsequent frames, the firmware reduces the region-of-interest of the search to the
histogram bins containing the greatest accumulator values, thereby refining the search.
• The resultant X, Y location of the cross-hair target can be used to assign a calibration
value of offset selected overlay graphic image positions within the output image.
• The calibration statistics also supports a manual mode, which allows the host to access
the raw accumulator values directly.
Composite Video Output
The external pin GPIO[3] can be used to configure the device for default NTSC or PAL
operation. This and other video configuration settings are available as register settings
accessible through the serial interface.
Single-Ended and Differential Composite Output
The composite output can be operated in a single-ended or differential mode by simply
changing the external resistor configuration. For single-ended termination, see
Figure 29 on page 41. The differential schematic is shown in Figure 30 on page 42.
Figure 29:
Single-Ended Termination
The DAC is differential, but it may be used to produce single-ended signals provided that
the unused (DAC_NEG) output is terminated into a resistance to ground approximately
equal to the load on the DAC_POS output. Without this termination, the internal bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com