Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 56 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 56 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 52Page - ON Semiconductor AP0100CS Datasheet HTML 53Page - ON Semiconductor AP0100CS Datasheet HTML 54Page - ON Semiconductor AP0100CS Datasheet HTML 55Page - ON Semiconductor AP0100CS Datasheet HTML 56Page - ON Semiconductor AP0100CS Datasheet HTML 57Page - ON Semiconductor AP0100CS Datasheet HTML 58Page - ON Semiconductor AP0100CS Datasheet HTML 59Page - ON Semiconductor AP0100CS Datasheet HTML 60Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Summary of Host Commands
AP0100CS/D Rev. 6, Pub. 1/16 EN
56
©Semiconductor Components Industries, LLC,2016.
Apply Patch
0x8702
Asynchronous
Apply a patch (already located in Patch RAM)
Reserve RAM
0x8706
Synchronous
Reserve RAM to contain a patch
Table 27:
Miscellaneous Host Command
Miscellaneous Host Command
Value
Type
Description
Invoke Command Seq
0x8900
Synchronous
Invoke a sequence of commands stored in SPI NVM
Config Command Seq Processor
0x8901
Synchronous
Configures the Command Sequence processor
Wait for Event
0x8902
Synchronous
Wait for a system event to be signalled
Table 28:
Calibration Stats Host Commands
Calibration Stats Host Command
Value
Type
Description
Calib Stats Control
0x8B00
Asynchronous
Start statistics gathering
Calib Stats Read
0x8B01
Synchronous
Read the results back
Table 29:
Event Monitor Host Command
Event Monitor Host Command
Value
Type
Description
Event Monitor Set Association
0x8C00
Synchronous
Associate an system event with a Command Sequence stored in
NVM
Event Monitor Get Association
0x8C01
Synchronous
Retrieve an event association
Table 30:
CCI Manager Host Commands
CCI Manager Host
Command
Value
Type
Description
Get Lock
0x8D00
Asynchronous
Request the CCI Manager access lock
Lock Status
0x8D01
Synchronous
Retrieve the status of the access lock request
Release Lock
0x8D02
Synchronous
Release the CCI Manager access lock
Config
0x8D03
Synchronous
Configure the CCI Manager and underlying CCI subsystem
Set Device
0x8D04
Synchronous
Set the target CCI device address
Read
0x8D05
Asynchronous
Read one or more bytes from a 16-bit address
Write
0x8D06
Asynchronous
Write one or more bytes to a 16-bit address
Write Bitfield
0x8D07
Asynchronous
Read-modify-write 16-bit data to a 16-bit address
CCI Status
0x8D08
Synchronous
Obtain status of current asynchronous operation
Table 31:
Sensor Manager Host Commands
Sensor Manager Host Command
Value
Type
Description
Discover Sensor
0x8E00
Synchronous
Discover sensor
Initialize Sensor
0x8E01
Synchronous
Initialize attached sensor
Table 26:
Patch Loader Host Command
Patch Loader Host
Command
Value
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com