Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0100CS Datasheet(PDF) 46 Page - ON Semiconductor

Part # AP0100CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0100CS Datasheet(HTML) 46 Page - ON Semiconductor

Back Button AP0100CS Datasheet HTML 42Page - ON Semiconductor AP0100CS Datasheet HTML 43Page - ON Semiconductor AP0100CS Datasheet HTML 44Page - ON Semiconductor AP0100CS Datasheet HTML 45Page - ON Semiconductor AP0100CS Datasheet HTML 46Page - ON Semiconductor AP0100CS Datasheet HTML 47Page - ON Semiconductor AP0100CS Datasheet HTML 48Page - ON Semiconductor AP0100CS Datasheet HTML 49Page - ON Semiconductor AP0100CS Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
AP0100CS HDR: Image Signal Processor (ISP)
Protocol
AP0100CS/D Rev. 6, Pub. 1/16 EN
46
©Semiconductor Components Industries, LLC,2016.
Sequential READ, Start from Current Location
This sequence (Figure 35) starts in the same way as the single READ from current loca-
tion (Figure 33). Instead of generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge bit and continues to
perform byte reads until “L” bytes have been read.
Figure 35:
Sequential READ, Start from Current Location
Single Write to Random Location
Figure 36 shows the typical WRITE cycle from the host to the AP0100CS.The first 2 bytes
indicate a 16-bit address of the internal registers with most-significant byte first. The
following 2 bytes indicate the 16-bit data.
Figure 36:
Single WRITE to Random Location
A
Read Data
Read Data
Previous Reg Address, N
N+1
N+2
N+L-1
N+L
A
Read Data
Slave Address
A
A
1
A
S
P
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
Read Data
(15:8)
A
Read Data
(7:0)
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
A
P
Previous Reg Address, N
Reg Address, M
M+1
A
A
Write Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com