Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 25 of 43
APPLICATIONS INFORMATION
DAC TO I/Q MODULATOR INTERFACING
The ADRF6720-27 is designed to interface with minimal
components to members of the Analog Devices, Inc., family of
TxDAC® converters. These dual- or quad-channel differential
current sinking DACs provide a current swing from 0 mA to
20 mA. The interface described in this section can be used with
any DAC that has a similar output.
An example of interfacing the dual-channel differential current
sinking TxDAC is shown in Figure 45. The baseband inputs of the
ADRF6720-27 require a dc bias of 2.68 V and the TxDAC outputs
interface seamlessly with ADRF6720-27. Place a shunt 100 Ω
external resistor across the I and Q inputs to match the 100 Ω
impedance of the DAC. With the 50 Ω termination resistors to
the power supply in the DAC outputs , the 100 Ω shunt resistors
across the I and Q inputs with a 20 mA full-scale current and
bleed current , the resulting drive signal from each differential
pair is 1 V p-p differential (with the DAC running at 0 dBFS),
with a 2.68 V dc bias.
Figure 45. Interface Between the TxDAC and ADRF6720-27 with 50 Ω
Resistors to Ground to Establish the 2.68 V DC Bias for the ADRF6720-27
Baseband Inputs
Adjust the voltage swing for a given DAC output current by
placing a different resistance value on RLI and RLQ to the interface
(see Figure 45). This adjustment has the effect of varying the ac
swing without changing the dc bias already established by the
50 Ω resistors. A higher resistance value increases the output
power of the ADRF6720-27 and signal-to-noise ratio (SNR) at
the cost of higher intermodulation distortion.
Figure 46 shows the relationship between the swing-limiting
resistor and the peak-to-peak ac swing that it produces when
50 Ω bias-setting resistors are used. The differential peak-to-
peak swing at the modulator input is
[
]
[
]
L
B
L
B
FS
SIGNAL
R
R
R
R
I
V
+
×
×
×
×
=
2
2
Figure 47 shows the differential input resistance and
capacitance over baseband input frequencies.
Figure 46. Relationship Between the AC Swing Limiting Resistance and the
Peak-to-Peak Voltage Swing with 50 Ω Bias Setting Resistors
Figure 47. Differential Baseband Input Resistance and Input Capacitance
Equivalents (Shunt R, Shunt C)
I/Q Filtering
An antialiasing filter between the DAC and modulator is
necessary to filter out Nyquist images, common-mode noise,
and broadband DAC noise. The interface for setting up the
biasing and ac swing described in the DAC to I/Q Modulator
Interfacing section lends itself well to the introduction of such a
filter. The filter can be inserted between the dc bias setting
resistors and the ac swing limiting resistor. With this configuration,
the dc bias setting resistors set the source impedance, and the
ac swing limiting resistor sets the load impedance with a high
differential I and Q input impedance in parallel for the filter.
3.3V
I–
I+
TxDAC
ADRF6720-27
3.3V
IOUT0–
IOUT0+
IOUT1+
IOUT1–
Q+
Q–
RBI+
50
Ω
RBI–
50
Ω
RBQ+
50
Ω
RBQ–
50
Ω
RLI
100
Ω
RLQ
100
Ω
3
4
8
9
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
1k
10k
AC SWING LIMITING RESISTANCE (
Ω)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
5
10
15
20
25
30
35
40
45
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
CAPACITANCE
RESISTANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com