Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 14 of 43
Figure 22. Closed-Loop Phase Noise vs. LO Frequency at 1 kHz, 100 kHz, and
5 MHz Offsets
Figure 23. PLL Reference Spurs vs. LO Frequency (1 × PFD and 3 × PFD) at
Modulator Output
Figure 24. PLL Reference Spurs vs. LO Frequency (2 × PFD and 4 × PFD) at
Modulator Output
Figure 25. Closed-Loop Phase Noise vs. LO Frequency at 10 kHz, 1 MHz, and
10 MHz Offsets
Figure 26. PLL Reference Spurs vs. LO Frequency (1 × PFD and 3 × PFD) at
LO Output
Figure 27. PLL Reference Spurs vs. LO Frequency (2 × PFD and 4 × PFD) at
LO Output
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
LO FREQUENCY (MHz)
LO FREQUENCY (MHz)
400
900
1400
1900
2400
OFFSET = 1kHz
OFFSET = 5MHz
OFFSET = 100kHz
TA = –40°C
TA = +25°C
TA = +85°C
400
900
1400
1900
2400
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
1× PFD FREQUENCY
3× PFD FREQUENCY
400
900
1400
1900
2400
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
2× PFD FREQUENCY
4× PFD FREQUENCY
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
LO FREQUENCY (MHz)
OFFSET = 10kHz
OFFSET = 10MHz
400
900
1400
1900
2400
OFFSET = 1MHz
TA = –40°C
TA = +25°C
TA = +85°C
LO FREQUENCY (MHz)
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
400
900
1400
1900
2400
TA = –40°C
TA = +25°C
TA = +85°C
1× PFD FREQUENCY
3× PFD FREQUENCY
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
LO FREQUENCY (MHz)
400
900
1400
1900
2400
TA = –40°C
TA = +25°C
TA = +85°C
2× PFD FREQUENCY
4× PFD FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com