Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Data Sheet
ADRF6720-27
Rev. B | Page 19 of 43
Table 6. LO Mode Selection
LO
Selection
fVCO or fEXT (MHz)
Quadrature
Generation
QUAD_DIV_EN
(Register 0x01[9])
LO_1XVCO_EN
(Register 0x1[11])
Enables
(Register 0x01[6:0])
VCO_SEL
(Register 0x22[2:0])
Internal
(VCO)
2850 to 3500
Divide by 2
1
0
111 111X1
011
3500 to 4020
Divide by 2
1
0
111 111X1
010
4020 to 4600
Divide by 2
1
0
111 111X1
001
4600 to 5710
Divide by 2
1
0
111 111X1
000
2855 to 3000
Polyphase
0
1
111 111X1
011
External
700 to 6000
Divide by 2
1
0
101 000X1
1XX1
700 to 3000
Polyphase
0
0
000 000X1
XXX1
1
X = don’t care.
LO Frequency and Dividers
The signal coming from the VCO or the external LO inputs
goes through a series of dividers before it is buffered to drive
the active mixers. Two programmable divide by 2 stages divide
the frequency of the incoming signal by 1, 2, or 4 before
reaching the quadrature divider that further divides the signal
frequency by 2 to generate the in-phase and quadrature phase
LO signals for the mixers. The control bits (Register 0x22[4:3])
needed to select the different LO frequency ranges are listed in
Table 7.
Table 7. LO Frequency and Dividers
LO Frequency
Range (MHz)
fVCO/fLO or
fEXTLO/fLO
DIV8_EN
(Register
0x22[4])
DIV4_EN
(Register
0x22[3])
1425 to 2855
2
0
0
712.5 to 1425
4
0
1
356.25 to 712.5
8
1
1
PLL Frequency Programming
The N divider with divide by 2 divides down the VCO signal to
the PFD frequency. The N divider can be configured for
fractional or integer mode by addressing the DIV_MODE bit
(Register 0x02[11]). The default configuration is set for
fractional mode. Use the following equations to determine the
N value and PLL frequency:
N
f
f
VCO
PFD
×
=
2
MOD
FRAC
INT
N
+
=
LO_DIVIDER
N
f
DIVIDER
LO
fvco
f
PFD
LO
×
×
=
=
2
_
where:
fPFD is the phase frequency detector frequency.
fVCO is the VCO frequency.
N is the fractional divide ratio (INT + FRAC/MOD).
INT is the integer divide ratio programmed in Register 0x02.
FRAC is the fractional divider programmed in Register 0x03.
MOD is the modulus divide ratio programmed in Register 0x04.
fLO is the LO frequency going to the mixer core when the loop is
locked.
LO_DIVIDER is the final frequency divider ratio that divides
the frequency of the VCO or the external LO signal down by 2,
4, or 8 before it reaches the mixer, as shown in Table 7.
Loop Filter
The loop filter is connected between the CP and VTUNE pins.
The recommended components for 20 kHz filter designs are
shown in Table 8 and referenced in Figure 44.
The ADRF6720-27 closed-loop phase noise is characterized
using a 20 kHz loop filter. Operation with an external VCO is
possible. In this case, the output of the loop filter is connected
to the tuning pin of the external VCO. The output of the VCO is
brought back into the device on the LOIN+ and LOIN− pins.
For assistance in designing loop filters with other characteristics,
download the most recent revision of ADIsimPLL™ from
www.analog.com/adisimpll.
Table 8. Recommended Loop Filter Components
Component
20 kHz Loop Filter
C57
2700 pF
R12
300 Ω
C58
100 nF
R23
5.6 Ω
C59
2700 pF
R26
820 Ω
C60
1500 pF
PLL Lock Time
It takes time to lock the PLL after the last register is written.
VCO band calibration time and loop settling time are used to
determine the PLL lock time.
After writing to the last register, the PLL automatically performs
a VCO band calibration to choose the correct VCO band. This
calibration takes approximately 94,208 PFD cycles. For a
40 MHz fPFD, this corresponds to 2.36 ms. After a band calibration
completes, the feedback action of the PLL results in the VCO
locking to the correct frequency. The speed to be locked depends
on the nonlinear cycle slipping behavior, as well as the small
signal settling of the loop. For an accurate estimation of the lock
time, download the ADIsimPLL tool to capture these effects
correctly. In general, higher bandwidth loops tend to lock more
quickly than lower bandwidth loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com