Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6720-27ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6720-27ACPZ-R7
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6720-27ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6720-27ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 16 of 43
Figure 34. Noise Floor Cumulative Distribution at Various LO Frequencies
Using Internal LO; I/Q Input with 2.68 V DC Bias and No RF Output
Figure 35. Noise Floor Cumulative Distribution at Various LO Frequencies
Using Internal LO; I/Q Input with 2.68 V DC Bias and RF Output = −10 dBm
Figure 36. Frequency Deviation from LO Frequency at LO = 1.91 GHz to
1.9 GHz vs. Lock Time
Figure 37. LO Output Power vs. LO Frequency at Various LO_DRV_LVL
Settings
Figure 38. Supply Current vs. LO Frequency and Temperature (PLL and
I/Q Modulator Enabled, LO Buffer Disabled)
Figure 39. RF Output Return Loss vs. LO Frequency (fLO) for Multiple BAL_CIN
and BAL_COUT Combinations
0
10
20
30
40
50
60
70
80
90
100
–163 –162 –161 –160 –159 –158 –157 –156 –155 –154 –153
NOISE FLOOR (dBm/Hz)
450
940
1900
2140
2300
2600
0
10
20
30
40
50
60
70
80
90
100
–163 –162 –161 –160 –159 –158 –157 –156 –155 –154 –153
NOISE FLOOR (dBm/Hz)
450
940
1900
2140
2300
2600
–20
–15
–10
–5
0
5
10
15
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TIME (ms)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
LO FREQUENCY (MHz)
LO_DRV_LVL = 2
LO_DRV_LVL = 1
LO_DRV_LVL = 0
400
900
1400
1900
2400
TA = –40°C
TA = +25°C
TA = +85°C
LO FREQUENCY (MHz)
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
400
900
1400
1900
2400
TA = –40°C
TA = +25°C
TA = +85°C
–30
–25
–20
–15
–10
–5
0
0.35
0.85
1.35
1.85
2.35
2.85
LO FREQUENCY (GHz)
BAL_CIN = 0, BAL_COUT = 0
BAL_CIN = 1, BAL_COUT = 0
BAL_CIN = 2, BAL_COUT = 0
BAL_CIN = 3, BAL_COUT = 0
BAL_CIN = 4, BAL_COUT = 0
BAL_CIN = 8, BAL_COUT = 0
BAL_CIN = 9, BAL_COUT = 0
BAL_CIN = 10, BAL_COUT = 0
BAL_CIN = 11, BAL_COUT = 0
BAL_CIN = 12, BAL_COUT = 0
BAL_CIN = 13, BAL_COUT = 0
BAL_CIN = 14, BAL_COUT = 0
BAL_CIN = 15, BAL_COUT = 0
BAL_CIN = 15, BAL_COUT = 3
BAL_CIN = 15, BAL_COUT = 8
BAL_CIN = 15, BAL_COUT = 11
BAL_CIN = 15, BAL_COUT = 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com